Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBH Datasheet (PDF) - TE Connectivity Ltd

PBH Datasheet PDF - TE Connectivity Ltd
Part # PBH
Download  PBH Download
File Size   225.86 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 1pole 6 A, 1 form C (CO) or 1 form A (NO) contact

PBH Datasheet (PDF)

Go To PDF Page Download Datasheet
PBH Datasheet PDF - TE Connectivity Ltd

Part # PBH
Download  PBH Click to download

File Size   225.86 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 1pole 6 A, 1 form C (CO) or 1 form A (NO) contact

PBH Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - PBH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PBH MACOM-PBH Datasheet
238Kb / 3P
Miniature Power PCB Relay
logo
PowerDynamics, Inc
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
logo
List of Unclassifed Man...
PBH ETC-PBH Datasheet
1,022Kb / 2P
PRECISION SHUNT RESISTROS
logo
Isabellenhütte Heu...
PBH ISABELLENHUETTE-PBH Datasheet
497Kb / 4P
Precision resistors
logo
E-SWITCH
PBH-2U-0A-KZX-N-AG-V-X E-SWITCH-PBH-2U-0A-KZX-N-AG-V-X Datasheet
230Kb / 3P
SERIES PBH SWITCHES
More results


Similar Description - PBH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
TE Connectivity Ltd
REL TEC-REL Datasheet
234Kb / 2P
1 pole 5 A, 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
T9V TEC-T9V Datasheet
241Kb / 2P
1 pole 40A, 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com