Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAN1N4000C Datasheet (PDF) - Microsemi Corporation

JAN1N4000C Datasheet PDF - Microsemi Corporation
Part # JAN1N4000C
Download  JAN1N4000C Download
File Size   215.72 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10 WATT ZENER DIODES

JAN1N4000C Datasheet (PDF)

Go To PDF Page Download Datasheet
JAN1N4000C Datasheet PDF - Microsemi Corporation

Part # JAN1N4000C
Download  JAN1N4000C Click to download

File Size   215.72 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10 WATT ZENER DIODES

JAN1N4000C Datasheet (HTML) - Microsemi Corporation


JAN1N4000C Product details

DESCRIPTION
These highpower10 W Zener diodes represented by the JEDEC registered 1N2970 thru 1N3015B and 1N3993 thru 1N4000A series provide voltage regulation in a selection over a 3.9 V to 200 V broad range of voltages. They may beoperated up to 10 W with adequate mounting and heat sinking  with their low thermal resistance. These Zeners are also available in JAN, JANTX, JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N2970 thru 1N3015B and 1N3993 thru 1N4000A
• Internal solder bond construction
• Hermetically sealed (welded)
• Zener Voltage 3.9V to 200V.
• Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/124 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening; (e.g. JANTX1N2970B, JANTXV1N3996A, etc.
• Standard polarity is anode to case (stud) for 1N2970 thru 1N3015B and cathode to case for 1N3993 thru 1N4000A
• Reverse polarity is cathode to case for 1N2970 thru 1N3015B and anode to case for 1N3993 thru 1N4000A by designating R suffix, e.g. 1N2970RB, 1N3993RA, etc.
• Consult factory for surface mount equivalents

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Standard voltage tolerances are +/- 5% with B suffix, +/-10% with an A suffix, and +/-20% with no suffix
• Consult factory for +/-2% or +/-1% voltage tolerance with a C or D suffix respectively
• Reverse polarity available
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Inherently radiation hard as described in Microsemi MicroNote 050




Similar Part No. - JAN1N4000C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N4099 MICROSEMI-JAN1N4099 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
JAN1N4099 MICROSEMI-JAN1N4099 Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
JAN1N4099-1 MICROSEMI-JAN1N4099-1 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
JAN1N4099C MICROSEMI-JAN1N4099C Datasheet
109Kb / 2P
SILICON 400mA LOW NOISE ZENER DIODES
JAN1N4099CUR MICROSEMI-JAN1N4099CUR Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results


Similar Description - JAN1N4000C

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
Silicon 10 WATT Zener Diodes
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
SILICON 10 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
50 Watt Zener Diodes
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
Silicon 10 WATT Zener Diodes
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
10 WATT ZENER DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com