Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAHR Datasheet (PDF) - Vishay Siliconix

PRAHR Datasheet PDF - Vishay Siliconix
Part # PRAHR
Download  PRAHR Download
File Size   117.89 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays

PRAHR Datasheet (PDF)

Go To PDF Page Download Datasheet
PRAHR Datasheet PDF - Vishay Siliconix

Part # PRAHR
Download  PRAHR Click to download

File Size   117.89 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays

PRAHR Datasheet (HTML) - Vishay Siliconix


PRAHR Product details

• Thin film technology
• High stability passivated nichrome resistive layer 0.02 %
on ratio, 1000 h at Pn at +70 °C
• Tight TCR (10 ppm/°C) and TCR tracking (3 ppm/°C)
• Very low noise < -35 dB and voltage coefficient
< 0.01 ppm/V
• Ratio tolerance to 0.01 % (R ≥ 200R)
• Pre-tinned terminations over nickel barrier
• ESA/ESCC qualified
• ESCC 4001 (generic specification)
• ESCC 4001/025 (detailed specification)
• SMD wraparound chip resistor array
• Up to eight different ohmic values (CNW HR)
• Suitable for military use




Similar Part No. - PRAHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRAHT073C2 VISHAY-PRAHT073C2 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C3 VISHAY-PRAHT073C3 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C4 VISHAY-PRAHT073C4 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C5 VISHAY-PRAHT073C5 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
PRAHT073C6 VISHAY-PRAHT073C6 Datasheet
107Kb / 5P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays, Sulfur Resistant
18-Sep-14
More results


Similar Description - PRAHR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
Vishay Siliconix
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
PATT VISHAY-PATT Datasheet
94Kb / 4P
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
17-Sep-13
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
19-Nov-14
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
PFRR VISHAY-PFRR Datasheet
109Kb / 6P
ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
19-Nov-14
PHR VISHAY-PHR Datasheet
113Kb / 6P
ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
28-Aug-15
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com