Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPT3535ER5R0LP Datasheet (PDF) - Vishay Siliconix

LPT3535ER5R0LP Datasheet PDF - Vishay Siliconix
Part # LPT3535ER5R0LP
Download  LPT3535ER5R0LP Download
File Size   91.46 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores

LPT3535ER5R0LP Datasheet (PDF)

Go To PDF Page Download Datasheet
LPT3535ER5R0LP Datasheet PDF - Vishay Siliconix

Part # LPT3535ER5R0LP
Download  LPT3535ER5R0LP Click to download

File Size   91.46 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores

LPT3535ER5R0LP Datasheet (HTML) - Vishay Siliconix


LPT3535ER5R0LP Product details

• Toroidal design for minimal EMI radiation in DC/DC
converter applications
• Designed to support the growing need for efficient
DC/DC converters in battery operated equipment
• Two separate windings provide versatility by ability to
connect windings in series or parallel
• Dielectric withstanding voltage: 500 VRMS, 60 Hz, 5 s
• Operating temperature range: -40 °C to +125 °C
• Supplied on tape and reel and is designed to be pick and place
compatible
• Custom versions and turn




Similar Part No. - LPT3535ER5R0LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT3535ER5R0LP VISHAY-LPT3535ER5R0LP Datasheet
95Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
LPT3535ER5R0LP VISHAY-LPT3535ER5R0LP Datasheet
85Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
24-Feb-11
More results


Similar Description - LPT3535ER5R0LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
28-Aug-02
LPT3535 VISHAY-LPT3535 Datasheet
95Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
10-Aug-06
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
LPT-3535 VISHAY-LPT-3535_11 Datasheet
85Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
24-Feb-11
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
24-Feb-11
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
logo
Magnetics, a division o...
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
Kool Mµ® Hƒ Powder Cores
2/24/2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com