Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCT7000M Datasheet (PDF) - List of Unclassifed Manufacturers

HCT7000M Datasheet PDF - List of Unclassifed Manufacturers
Part # HCT7000M
Download  HCT7000M Download
File Size   241.57 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N- Channel En hance ment Mode MOS Transistor

HCT7000M Datasheet (PDF)

Go To PDF Page Download Datasheet
HCT7000M Datasheet PDF - List of Unclassifed Manufacturers

Part # HCT7000M
Download  HCT7000M Click to download

File Size   241.57 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N- Channel En hance ment Mode MOS Transistor

HCT7000M Datasheet (HTML) - List of Unclassifed Manufacturers


HCT7000M Product details

[Optek Technology, Inc.]

Description
The HCT7000M is a high performance enhancement mode N-channel MOS transistor chip packaged in the ultra small 3 pin ceramic LCC package. Electrical characteristics are similar to those of the JEDEC 2N7000. The pinout and footprint matches that of most enhancement mode MOS transistors built in SOT23 plastic packages. 

Features
• 200mA ID
• Ultra small surface mount package
• RDS(ON) < 5W
• Pin-out compatible with most SOT23 MOSFETS




Similar Part No. - HCT7000M

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
HCT7000M OPTEK-HCT7000M Datasheet
243Kb / 2P
N- Channel Enhancement Mode MOS Transis tor
logo
TT Electronics.
HCT7000M TTELEC-HCT7000M Datasheet
189Kb / 2P
N-Channel Enhancement Mode MOS Transistor
HCT7000M TTELEC-HCT7000M Datasheet
396Kb / 2P
N-Channel Enhancement Mode MOS Transistor
11/2016
logo
OPTEK Technologies
HCT7000MTX OPTEK-HCT7000MTX Datasheet
243Kb / 2P
N- Channel Enhancement Mode MOS Transis tor
logo
TT Electronics.
HCT7000MTX TTELEC-HCT7000MTX Datasheet
189Kb / 2P
N-Channel Enhancement Mode MOS Transistor
More results


Similar Description - HCT7000M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSH103 PHILIPS-BSH103 Datasheet
96Kb / 12P
N-channel enhancement mode MOS transistor
1998 Feb 11
BSH104 PHILIPS-BSH104 Datasheet
51Kb / 8P
N-channel enhancement mode MOS transistor
1997 Nov 26
BSH105 PHILIPS-BSH105 Datasheet
145Kb / 7P
N-channel enhancement mode MOS transistor
August 1998 Rev 1.000
PHN110 PHILIPS-PHN110 Datasheet
79Kb / 12P
N-channel enhancement mode MOS transistor
1997 Jun 17
logo
Seme LAB
2N7002CSM SEME-LAB-2N7002CSM Datasheet
14Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
Calogic, LLC
2N7000 CALOGIC-2N7000 Datasheet
25Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
2N7002 CALOGIC-2N7002 Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistor
logo
OPTEK Technologies
HCT802 OPTEK-HCT802 Datasheet
233Kb / 2P
Dual En hance ment Mode MOSFET
logo
Seme LAB
2N6660CSM4 SEME-LAB-2N6660CSM4 Datasheet
43Kb / 2P
N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
logo
First Components Intern...
2N7002 FCI-2N7002 Datasheet
228Kb / 3P
N-Channel Enchanncement-Mode Mos Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com