Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-933 Datasheet (PDF) - List of Unclassifed Manufacturers

ADS-933 Datasheet PDF - List of Unclassifed Manufacturers
Part # ADS-933
Download  ADS-933 Download
File Size   132.52 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-Bit, 3MHz Sampling A/D Converters

ADS-933 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-933 Datasheet PDF - List of Unclassifed Manufacturers

Part # ADS-933
Download  ADS-933 Click to download

File Size   132.52 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-Bit, 3MHz Sampling A/D Converters

ADS-933 Datasheet (HTML) - List of Unclassifed Manufacturers


ADS-933 Product details

[DATEL]

GENERAL DESCRIPTION
The low-cost ADS-933 is a 16-bit, 3MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-933 has been optimized to achieve a signal-to-noise ratio (SNR) of 85dB and a total harmonic distortion (THD) of –84dB.
Packaged in a 40-pin TDIP, the functionally complete ADS-933 contains a fast-settling sample-hold amplifier, a subranging (two-pass) A/D converter, an internal reference, timing/control logic, and error-correction circuitry. Digital input and output levels are TTL. The ADS-933 only requires the rising edge of the start convert pulse to operate.

FEATURES
• 16-bit resolution
• 3MHz sampling rate
• Functionally complete
• No missing codes over full military temperature range
• Edge-triggered
• ±5V supplies, 1.85 Watts
• Small, 40-pin, ceramic TDIP
• 85dB SNR, –84dB THD
• Ideal for both time and frequency-domain applications




Similar Part No. - ADS-933

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-933MC MURATA-PS-ADS-933MC Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-933MC DATEL-ADS-933MC Datasheet
105Kb / 1P
Sampling A/D Converters
ADS-933MC-C DATEL-ADS-933MC-C Datasheet
106Kb / 1P
Sampling A/D Converters
ADS-933ME DATEL-ADS-933ME Datasheet
105Kb / 1P
Sampling A/D Converters
More results


Similar Description - ADS-933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-943 ETC-ADS-943 Datasheet
166Kb / 8P
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
16-Bit, 1MHz Sampling A/D Converters
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
16-Bit, 2MHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
16-Bit, 3MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
ADS-943 MURATA-PS-ADS-943 Datasheet
168Kb / 8P
14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com