Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8515 Datasheet (PDF) - Maxim Integrated Products

MAX8515 Datasheet PDF - Maxim Integrated Products
Part # MAX8515
Download  MAX8515 Download
File Size   268.42 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters

MAX8515 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8515 Datasheet PDF - Maxim Integrated Products

Part # MAX8515
Download  MAX8515 Click to download

File Size   268.42 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters

MAX8515 Datasheet (HTML) - Maxim Integrated Products


MAX8515 Product details

General Description
The MAX8515A/MAX8515 shunt regulators simplify the design of voltage regulation and overvoltage protection (OVP) functions in high-accuracy isolated DC-to-DC converters with output voltages as low as 0.6V. The devices have supply voltage and feedback inputs separated from the output shunt stage, and can operate directly from the DC-to-DC converter output stage when the output voltage is 1.8V to 18V. Alternately, the MAX8515A/MAX8515 input stage can be biased from an unregulated 1.7V to 28V supply, independent of DC-to-DC converter output voltage. The MAX8515A/MAX8515 shunts 20mA when the output voltage is as low as 0.2V.  
 
Features
♦ MAX8515A
    0.6V ±0.5% Initial Accuracy at +25°C
    0.6V ±1% Accuracy from -40°C to +85°C
♦ MAX8515
    0.6V ±1% Initial Accuracy at +25°C
    0.6V ±1.8% Accuracy from -40°C to +85°C
♦ Sinks 20mA at 0.2V to 18V
♦ Input Voltage Range from 1.7V to 28V
♦ Directly Drives Optocouplers
♦ 0.2Ω Dynamic Output Impedance
♦ Space-Saving 5-Pin SC70 or SOT23 Packages
   
Applications
    Isolated DC-to-DC Converters
    Network, Telecom, and Cellular Base Station
    Power Supplies
    Low-Dropout Linear Regulators
    Shunt Regulator
    Adjustable Voltage Reference
   




Similar Part No. - MAX8515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8515AEXK-T MAXIM-MAX8515AEXK-T Datasheet
274Kb / 10P
Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
MAX8515AEZK-T MAXIM-MAX8515AEZK-T Datasheet
274Kb / 10P
Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
MAX8515EXK MAXIM-MAX8515EXK Datasheet
274Kb / 10P
Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
MAX8515EXK-T MAXIM-MAX8515EXK-T Datasheet
274Kb / 10P
Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
MAX8515EZK-T MAXIM-MAX8515EZK-T Datasheet
274Kb / 10P
Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
More results


Similar Description - MAX8515

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
NGA CANDD-NGA Datasheet
101Kb / 3P
Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
Isolated 1W Wide Input DC/DC Converters
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
Non-Isolated Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA-RUW15 Datasheet
238Kb / 5P
Isolated Ultra-Wide Input DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Maxim Integrated Produc...
MAX8515EXK MAXIM-MAX8515EXK Datasheet
274Kb / 10P
Wide-Input 0.6V Shunt Regulators for Isolated DC-to-DC Converters
Rev 1; 2/03
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
Isolated Ultra-Wide Input DC-DC Converters
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com