Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6179 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE6179 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE6179
Download  PE6179 Download
File Size   443.43 Kbytes
Page   4 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 1 Watt RF Load with Chain Up to 50 GHz

PE6179 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE6179 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE6179
Download  PE6179 Click to download

File Size   443.43 Kbytes
Page   4 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 1 Watt RF Load with Chain Up to 50 GHz

PE6179 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE6179

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6179 PASTERNACK-PE6179 Datasheet
356Kb / 3P
50 Ohm 1 Watt Precision 2.4mm Male RF Load with Chain Up To 50 GHz
More results


Similar Description - PE6179

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6174 PASTERNACK-PE6174 Datasheet
368Kb / 3P
50 Ohm 1 Watt Precision 2.92mm Male RF Load with Chain Up To 40 GHz
PE6179 PASTERNACK-PE6179 Datasheet
356Kb / 3P
50 Ohm 1 Watt Precision 2.4mm Male RF Load with Chain Up To 50 GHz
PE6236 PASTERNACK-PE6236 Datasheet
320Kb / 2P
Low Power 1 Watts RF Load With Chain Up To 65 GHz
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6072 PASTERNACK-PE6072_17 Datasheet
359Kb / 3P
1 Watt RF Load With Chain Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6173 PASTERNACK-PE6173_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6174 PASTERNACK-PE6174_16 Datasheet
454Kb / 4P
Watt RF Load with Chain Up to 40 GHz
PE6175 PASTERNACK-PE6175_16 Datasheet
446Kb / 4P
1 Watt RF Load Up to 40 GHz
PE6178 PASTERNACK-PE6178_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 50 GHz
PE6180 PASTERNACK-PE6180_16 Datasheet
438Kb / 4P
2 Watt RF Load Up to 50 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com