Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXUC120N10 Datasheet (PDF) - IXYS Corporation

IXUC120N10 Datasheet PDF - IXYS Corporation
Part # IXUC120N10
Download  IXUC120N10 Download
File Size   56.7 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Trench Power MOSFET ISOPLUS220

IXUC120N10 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXUC120N10 Datasheet PDF - IXYS Corporation

Part # IXUC120N10
Download  IXUC120N10 Click to download

File Size   56.7 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Trench Power MOSFET ISOPLUS220

IXUC120N10 Datasheet (HTML) - IXYS Corporation


IXUC120N10 Product details

Trench Power MOSFET ISOPLUS220TM Electrically Isolated Back Surface

Features
• Silicon chip on Direct-Copper-Bond substrate
    - High power dissipation
    - Isolated mounting surface
    - 2500V electrical isolation
• Trench MOSFET
    - very low RDS(on)
    - fast switching
    - usable intrinsic reverse diode
• Low drain to tab capacitance(<15pF)
• Unclamped Inductive Switching (UIS) rated

Applications
• Automotive 42V systems
    - electronic switches to replace relays and fuses
    - choppers to replace series dropping resistors used for motors, heaters, etc.
    - inverters for AC drives, e.g. starter generator
    - DC-DC converters, e.g. 12V to 42V, etc.
• Power supplies
    - DC - DC converters
    - Solar inverters
• Battery powered systems
    - choppers or inverters for motor control in hand tools
    - battery chargers

Advantages
• Easy assembly: no screws or isolation foils required
• Space savings
• High power density




Similar Part No. - IXUC120N10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
Electrically Isolated Back Surface
IXUC160N075 IXYS-IXUC160N075 Datasheet
55Kb / 2P
Trench Power MOSFET
logo
Inchange Semiconductor ...
IXUC160N075 ISC-IXUC160N075 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IXUC120N10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXUC200N055 IXYS-IXUC200N055 Datasheet
53Kb / 2P
Trench Power MOSFET ISOPLUS220
IXKC13N80C IXYS-IXKC13N80C Datasheet
1Mb / 2P
CoolMOS Power MOSFET ISOPLUS220
IXUC60N10 IXYS-IXUC60N10 Datasheet
63Kb / 2P
Trench Power MOSFET ISOPLUS220-TM
IXFC96N15P IXYS-IXFC96N15P Datasheet
118Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXKC40N60C IXYS-IXKC40N60C Datasheet
57Kb / 2P
CoolMOS Power MOSFET ISOPLUS220
IXTC13N50 IXYS-IXTC13N50 Datasheet
71Kb / 2P
Power MOSFET ISOPLUS220
IXFC22N60P IXYS-IXFC22N60P Datasheet
237Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFC74N20P IXYS-IXFC74N20P Datasheet
125Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXFC110N10P IXYS-IXFC110N10P Datasheet
236Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS220
IXFC16N80P IXYS-IXFC16N80P Datasheet
207Kb / 2P
PolarHV HiPerFET Power MOSFET ISOPLUS220
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com