Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3886GROUP Datasheet (PDF) - Mitsubishi Electric Semiconductor

3886GROUP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 3886GROUP
Download  3886GROUP Download
File Size   1601.33 Kbytes
Page   110 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

3886GROUP Datasheet (PDF)

Go To PDF Page Download Datasheet
3886GROUP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 3886GROUP
Download  3886GROUP Click to download

File Size   1601.33 Kbytes
Page   110 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

3886GROUP Datasheet (HTML) - Mitsubishi Electric Semiconductor


3886GROUP Product details

DESCRIPTION
The 3886 group is the 8-bit microcomputer based on the 740 family core technology.
The 3886 group is designed for controlling systems that require analog signal processing and include two serial I/O functions, A-D converters, D-A converters, system data bus interface function, watchdog timer, and comparator circuit.
The multi-master I2C bus interface can be added by option.

FEATURES
<Microcomputer mode>
● Basic machine-language instructions ...................................... 71
● Minimum instruction execution time .................................. 0.4 µs
   (at 10 MHz oscillation frequency)
● Memory size
   ROM ................................................................. 32K to 60K bytes
   RAM ............................................................... 1024 to 2048 bytes
● Programmable input/output ports ............................................ 72
● Software pull-up resistors ................................................. Built-in
● Interrupts ................................................. 21 sources, 16 vectors
   (Included key input interrupt)
● Timers ............................................................................. 8-bit ✕ 4
● Serial I/O1 .................... 8-bit ✕ 1(UART or Clock-synchronized)
● Serial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
● PWM output circuit ....................................................... 14-bit ✕ 2
● Bus interface .................................................................... 2 bytes
● I2C bus interface (option) ............................................. 1 channel
● A-D converter ............................................... 10-bit ✕ 8 channels
● D-A converter ................................................. 8-bit ✕ 2 channels
● Comparator circuit ...................................................... 8 channels
● Watchdog timer ............................................................ 16-bit ✕ 1
● Clock generating circuit ..................................... Built-in 2 circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Power source voltage
   In high-speed mode .................................................. 4.0 to 5.5 V
   (at 10 MHz oscillation frequency)
   In middle-speed mode ........................................... 2.7 to 5.5 V(*)
   (at 10 MHz oscillation frequency)
   In low-speed mode ............................................... 2.7 to 5.5 V (*)
   (at 32 kHz oscillation frequency)
   (*: 4.0 to 5.5 V for Flash memory version)
● Power dissipation
   In high-speed mode ..........................................................40 mW
   (at 10 MHz oscillation frequency, at 5 V power source voltage)
   In low-speed mode ............................................................ 60 µW
   (at 32 kHz oscillation frequency, at 3 V power source voltage)
● Memory expansion possible (only for M38867M8A/E8A)
● Operating temperature range.................................... –20 to 85°C

<Flash memory mode>
● Supply voltage ................................................. VCC = 5 V ± 10 %
● Program/Erase voltage ............................... VPP = 11.7 to 12.6 V
● Programming method ...................... Programming in unit of byte
● Erasing method
   Batch erasing ........................................ Parallel/Serial I/O mode
   Block erasing .................................... CPU reprogramming mode
● Program/Erase control by software command
● Number of times for programming/erasing ............................ 100
● Operating temperature range (at programming/erasing)
   ..................................................................... Normal temperature

APPLICATION
   Household product, consumer electronics, communications, note
   book PC, etc.




Similar Part No. - 3886GROUP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3886 RENESAS-3886 Datasheet
1Mb / 111P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3886 RENESAS-3886 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
3M Electronics
388634 3M-388634 Datasheet
49Kb / 2P
3M Cloth Belt 577F Orange
logo
Toshiba Semiconductor
3886A TOSHIBA-3886A Datasheet
62Kb / 1P
TRANSISTOR SILICON NPN / 1400V / 8A / 50W
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
8-BIT SINGLE-CHIP MICROCOMPUTER
More results


Similar Description - 3886GROUP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com