Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYZ25A1 Datasheet (PDF) - Diotec Semiconductor

KYZ25A1 Datasheet PDF - Diotec Semiconductor
Part # KYZ25A1
Download  KYZ25A1 Download
File Size   150.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Standard Recovery Press-fit Rectifier Diodes

KYZ25A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KYZ25A1 Datasheet PDF - Diotec Semiconductor

Part # KYZ25A1
Download  KYZ25A1 Click to download

File Size   150.52 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Standard Recovery Press-fit Rectifier Diodes

KYZ25A1 Datasheet (HTML) - Diotec Semiconductor


KYZ25A1 Product details

Silicon-Press-Fit-Diodes – High Temperature Diodes

• Nominal Current                                    25 A
• Repetitive peak reverse voltage 50 ... 600 V
• Metal press-fit case with glass seal
• Weight approx.                                      10 g
• Compound has classification UL94V-0
• Standard packaging: bulk




Similar Part No. - KYZ25A1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KYZ25A1 DIOTEC-KYZ25A1 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
KYZ25A1 SEMIKRON-KYZ25A1 Datasheet
243Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYZ25A1 DIOTEC-KYZ25A1 Datasheet
69Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes Silizium-Einpress-Dioden - Hochtemperatur-Dioden
logo
Semikron International
KYZ25A1 SEMIKRON-KYZ25A1 Datasheet
246Kb / 2P
Silicon Press-Fit-Diodes
More results


Similar Description - KYZ25A1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP35A05 DIOTEC-BYP35A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP60A05 DIOTEC-BYP60A05_17 Datasheet
155Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW25A1 DIOTEC-KYW25A1 Datasheet
149Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW35A1 DIOTEC-KYW35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ35A1 DIOTEC-KYZ35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com