Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA56 Datasheet (PDF) - Diotec Semiconductor

MMBTA56 Datasheet PDF - Diotec Semiconductor
Part # MMBTA56
Download  MMBTA56 Download
File Size   145.02 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD General Purpose PNP Transistors

MMBTA56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA56 Datasheet PDF - Diotec Semiconductor

Part # MMBTA56
Download  MMBTA56 Click to download

File Size   145.02 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD General Purpose PNP Transistors

MMBTA56 Datasheet (HTML) - Diotec Semiconductor


MMBTA56 Product details

• Power dissipation           250 mW

• Plastic case                   SOT-23

• Weight approx.              0.01 g

• Plastic material has UL classification 94V-0

• Standard packaging taped and reeled



 




Similar Part No. - MMBTA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA56 ONSEMI-MMBTA56 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA56 TRSYS-MMBTA56 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA56 SAMSUNG-MMBTA56 Datasheet
28Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA56 FAIRCHILD-MMBTA56 Datasheet
648Kb / 15P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA56 DIODES-MMBTA56 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results


Similar Description - MMBTA56

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BC807 DIOTEC-BC807_17 Datasheet
141Kb / 2P
SMD General Purpose PNP Transistors
BC856 DIOTEC-BC856_17 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
MMBT2907A DIOTEC-MMBT2907A_18 Datasheet
144Kb / 2P
SMD General Purpose PNP Transistors
MMBT3906 DIOTEC-MMBT3906_18 Datasheet
144Kb / 2P
SMD General Purpose PNP Transistors
MMBT4403 DIOTEC-MMBT4403_18 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
BC856 DIOTEC-BC856_18 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
BC856S DIOTEC-BC856S_18 Datasheet
179Kb / 2P
SMD General Purpose PNP Transistors
BC856S DIOTEC-BC856S_1 Datasheet
180Kb / 2P
SMD General Purpose PNP Transistors
MMBTA56 DIOTEC-MMBTA56_18 Datasheet
127Kb / 2P
SMD General Purpose PNP Transistors
BC856AW DIOTEC-BC856AW Datasheet
125Kb / 2P
SMD General Purpose PNP Transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com