Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5227B Datasheet (PDF) - Diotec Semiconductor

MMSZ5227B Datasheet PDF - Diotec Semiconductor
Part # MMSZ5227B
Download  MMSZ5227B Download
File Size   135.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Planar Zener Diodes

MMSZ5227B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5227B Datasheet PDF - Diotec Semiconductor

Part # MMSZ5227B
Download  MMSZ5227B Click to download

File Size   135.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Planar Zener Diodes

MMSZ5227B Datasheet (HTML) - Diotec Semiconductor


MMSZ5227B Product details

Surface mount Zener Diodes

• Power dissipation                   500 mW
• Nominal Zener voltage       3.0 ... 75 V
• Plastic case                          SOD-123
• Weight approx.                          0.01 g
• Standard packaging taped and reeled




Similar Part No. - MMSZ5227B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5227B PANJIT-MMSZ5227B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5227B FAIRCHILD-MMSZ5227B Datasheet
159Kb / 5P
5% TOLERANCE
logo
Diodes Incorporated
MMSZ5227B DIODES-MMSZ5227B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5227B MCC-MMSZ5227B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5227B DIOTEC-MMSZ5227B Datasheet
54Kb / 2P
Surface mount Zener Diodes
More results


Similar Description - MMSZ5227B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM1Z4689 DIOTEC-MM1Z4689_17 Datasheet
135Kb / 2P
SMD Planar Zener Diodes
MM5Z2V2B DIOTEC-MM5Z2V2B Datasheet
174Kb / 3P
SMD Planar Zener Diodes
BZT52B2V4 DIOTEC-BZT52B2V4_18 Datasheet
129Kb / 2P
SMD Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_1 Datasheet
130Kb / 2P
SMD Planar Zener Diodes
BZX84C2V4 DIOTEC-BZX84C2V4_18 Datasheet
188Kb / 3P
SMD Planar Zener Diodes
MM1Z4728A DIOTEC-MM1Z4728A Datasheet
149Kb / 2P
SMD Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_18 Datasheet
149Kb / 2P
SMD Planar Zener Diodes
MMS3Z2B4 DIOTEC-MMS3Z2B4 Datasheet
178Kb / 3P
SMD Planar Zener Diodes
MMSZ5231C DIOTEC-MMSZ5231C Datasheet
135Kb / 2P
SMD Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_19 Datasheet
151Kb / 3P
SMD Planar Zener Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com