Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA06 Datasheet (PDF) - Diotec Semiconductor

MPSA06 Datasheet PDF - Diotec Semiconductor
Part # MPSA06
Download  MPSA06 Download
File Size   166.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose NPN Transistors

MPSA06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA06 Datasheet PDF - Diotec Semiconductor

Part # MPSA06
Download  MPSA06 Click to download

File Size   166.05 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose NPN Transistors

MPSA06 Datasheet (HTML) - Diotec Semiconductor


MPSA06 Product details

General Purpose Si-Epitaxial PlanarTransistors

• Power dissipation                625 mW
• Plastic case                  TO-92(10D3)
• Weight approx.                        0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - MPSA06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA06 MOTOROLA-MPSA06 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA06 ONSEMI-MPSA06 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
NXP Semiconductors
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
NPN general purpose transistor
1999 Apr 27
logo
Transys Electronics
MPSA06 TRSYS-MPSA06 Datasheet
151Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
MPSA06 ZETEX-MPSA06 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Similar Description - MPSA06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
Will Semiconductor Ltd.
WNT2F04 WILLSEMI-WNT2F04 Datasheet
698Kb / 4P
NPN, General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com