Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA56 Datasheet (PDF) - Diotec Semiconductor

MPSA56 Datasheet PDF - Diotec Semiconductor
Part # MPSA56
Download  MPSA56 Download
File Size   147.33 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose PNP Transistors

MPSA56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA56 Datasheet PDF - Diotec Semiconductor

Part # MPSA56
Download  MPSA56 Click to download

File Size   147.33 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description General Purpose PNP Transistors

MPSA56 Datasheet (HTML) - Diotec Semiconductor


MPSA56 Product details

General Purpose Si-Epitaxial PlanarTransistors

• Power dissipation       625 mW
• Plastic case               TO-92
• Weight approx.          0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA56 ONSEMI-MPSA56 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
NXP Semiconductors
MPSA56 PHILIPS-MPSA56 Datasheet
41Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Zetex Semiconductors
MPSA56 ZETEX-MPSA56 Datasheet
25Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Rohm
MPSA56 ROHM-MPSA56 Datasheet
64Kb / 2P
PNP General Purpose Transistor
More results


Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com