Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH0033C Datasheet (PDF) - Calogic, LLC

LH0033C Datasheet PDF - Calogic, LLC
Part # LH0033C
Download  LH0033C Download
File Size   105.18 Kbytes
Page   9 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Fast Buffer

LH0033C Datasheet (PDF)

Go To PDF Page Download Datasheet
LH0033C Datasheet PDF - Calogic, LLC

Part # LH0033C
Download  LH0033C Click to download

File Size   105.18 Kbytes
Page   9 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Fast Buffer

LH0033C Datasheet (HTML) - Calogic, LLC


LH0033C Product details

GENERAL DESCRIPTION
The LH0033 is a high speed, FET input, voltage follower/buffer designed to provide high current drive (up to 100mA) at frequencies from DC to over 100MHz. The LH0033 slews at 1500V/µs and exhibits excellent phase linearity up to 20MHz.
   
FEATURES
• Slew rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V/µs
• Wide range single or dual supply operation
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100MHz
• High output drive. . . . . . . . . . . . . . . ±10V with 50Ω load
• Low phase non-linearity . . . . . . . . . . . . . . . . 2 degrees
• Rise times . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3ns
• High input resistance:. . . . . . . . . . . . . . . . . . . . . . . 1010Ω
• High output current (peak) . . . . . . . . . . . . . . . . . 250mA
   
APPLICATIONS
• Coaxial Cable Driver
• Fast Op Amp Booster
• Flash Converter Driver
• Video Line Driver
• High Speed Sample and Hold
• ATE Pin Driver
• Video Amplifier
• Radar
• Sonar
• Boost OP Amp Output
• Isolate Capacitance Load
   




Similar Part No. - LH0033C

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033C CALOGIC-LH0033C Datasheet
92Kb / 9P
Fast Buffer
LH0033C CALOGIC-LH0033C Datasheet
84Kb / 9P
Fast Buffer
More results


Similar Description - LH0033C

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
Fast Buffer
logo
Elantec Semiconductor
EL2005 ELANTEC-EL2005 Datasheet
244Kb / 12P
High Accuracy Fast Buffer
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
Fast Buffer Amplifier
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
High Accuracy Fast Buffer
logo
National Semiconductor ...
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
FAST BUFFER
LH4033C NSC-LH4033C Datasheet
331Kb / 11P
FAST AND ULTRA FAST BUFFER AMPLIFIERS
LH4011 NSC-LH4011 Datasheet
222Kb / 8P
FAST OPEN LOOP BUFFER
LH4010 NSC-LH4010 Datasheet
236Kb / 8P
FAST FET BUFFER
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
Fast Buffer
logo
Calogic, LLC
LH0033 CALOGIC-LH0033_15 Datasheet
84Kb / 9P
Fast Buffer
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com