Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM670 Datasheet (PDF) - OSRAM GmbH

LSM670 Datasheet PDF - OSRAM GmbH
Part # LSM670
Download  LSM670 Download
File Size   478.69 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Mini TOPLED

LSM670 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSM670 Datasheet PDF - OSRAM GmbH

Part # LSM670
Download  LSM670 Click to download

File Size   478.69 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Mini TOPLED

LSM670 Datasheet (HTML) - OSRAM GmbH


LSM670 Product details

Features

• package:white SMT package

• feature of the device:small package 2.3 mm x 1.3 mm x 1.4 mm

• wavelength:628 nm (super-red), 606 nm (orange), 587 nm (yellow), 570 nm (green), 560 nm (pure green)

• viewing angle:Lambertian Emitter (120°)

• technology:GaAlP (super-red, orange, yellow, green), GaP (pure green)

• optical efficiency:1.5 lm/W (super-red, orange, yellow), 2.5 lm/W (green), 0.6 lm/W (pure green)

• grouping parameter:luminous intensity

• assembly methods:suitable for all SMT assembly methods

• soldering methods:IR reflow soldering

• preconditioning:acc. to JEDEC Level 2

• taping:8-mm tape with 3000/reel, ø180 mm or 12000/reel, ø330 mm



Applications

• optical indicators

• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising, general

lighting)

• coupling into light guides

• indoor displays

• interior automotive lighting. (e.g. dashboard backlighting, etc.)

• marker lights (e.g. steps, exit ways, etc.)




Similar Part No. - LSM670

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
HK TO-GRACE TECHNOLOGY ...
LSM670 TO-GRACE-LSM670 Datasheet
1Mb / 12P
Standard Mini SMD LED
LSM670-H2L1 TO-GRACE-LSM670-H2L1 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
OSRAM GmbH
LSM670-H2L1-1 OSRAM-LSM670-H2L1-1 Datasheet
478Kb / 19P
Optical Indicator
logo
Siemens Semiconductor G...
LSM670-HK SIEMENS-LSM670-HK Datasheet
49Kb / 8P
Mini TOPLED
More results


Similar Description - LSM670

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67F OSRAM-LSM67F Datasheet
536Kb / 21P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
LAM67F OSRAM-LAM67F_18 Datasheet
1Mb / 22P
Mini TOPLED
LAM676 OSRAM-LAM676_18 Datasheet
1Mb / 21P
Mini TOPLED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com