Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8S Datasheet (PDF) - Vishay Siliconix

P8S Datasheet PDF - Vishay Siliconix
Part # P8S
Download  P8S Download
File Size   102.58 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer

P8S Datasheet (PDF)

Go To PDF Page Download Datasheet
P8S Datasheet PDF - Vishay Siliconix

Part # P8S
Download  P8S Click to download

File Size   102.58 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer

P8S Datasheet (HTML) - Vishay Siliconix


P8S Product details

• Industrial grade
• High quality cermet resistive track:
- 1 W at 70 °C, P8ST
- 0.5 W at 70 °C, P8SX and P8SY
• Test according to CECC 41000 or IEC 60393-1
• Wide resistance range (10 Ω to 2.2 MΩ)




Similar Part No. - P8S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
logo
Shanghai Leiditech Elec...
P8S LEIDITECH-P8S Datasheet
935Kb / 4P
8000W Transient Voltage Suppressor
logo
Vishay Siliconix
P8S VISHAY-P8S Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
logo
Shanghai Leiditech Elec...
P8S20A LEIDITECH-P8S20A Datasheet
862Kb / 4P
Low zener impedance JEDEC R-6/P-600 Molded Plastic
P8S20A LEIDITECH-P8S20A Datasheet
935Kb / 4P
8000W Transient Voltage Suppressor
More results


Similar Description - P8S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
20-Jun-13
T63YA102KT20 VISHAY-T63YA102KT20 Datasheet
98Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
05-Aug-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T12 VISHAY-T12_V01 Datasheet
122Kb / 6P
Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
03-Apr-17
T63 VISHAY-T63_V01 Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T6XA474KT20 VISHAY-T6XA474KT20 Datasheet
86Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
26-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com