Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T53 Datasheet (PDF) - Vishay Siliconix

T53 Datasheet PDF - Vishay Siliconix
Part # T53
Download  T53 Download
File Size   102.72 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 mm Through Hole Trimmer Single-Turn Cermet

T53 Datasheet (PDF)

Go To PDF Page Download Datasheet
T53 Datasheet PDF - Vishay Siliconix

Part # T53
Download  T53 Click to download

File Size   102.72 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 mm Through Hole Trimmer Single-Turn Cermet

T53 Datasheet (HTML) - Vishay Siliconix


T53 Product details

• Fully sealed
• 0.25 W at 70 °C
• Wide ohmic range (10 Ω to 1 MΩ)
• Low contact resistance variation (2 % or 3 Ω)
• Small size for optimum packaging density
• Suitable for both manual or automatic operation
• For SMD version see TS53Y series
• Tests according to CECC 41000 or IEC 60393-1




Similar Part No. - T53

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T53 EUROQUARTZ-T53 Datasheet
131Kb / 2P
Precision Miniature TCXO
logo
Vishay Siliconix
T53 VISHAY-T53 Datasheet
84Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
logo
List of Unclassifed Man...
T530 ETC1-T530 Datasheet
244Kb / 2P
Professional Thermal Imaging Cameras
logo
Kemet Corporation
T530D157M010AE006 KEMET-T530D157M010AE006 Datasheet
220Kb / 2P
POLYMER TANTALUM CHIP CAPACITORS
T530D157M010AH4096 KEMET-T530D157M010AH4096 Datasheet
106Kb / 2P
High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
More results


Similar Description - T53

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M70Y104KB25 VISHAY-M70Y104KB25 Datasheet
92Kb / 4P
Rectangular Multi-Turn Cermet Trimmer
02-Oct-13
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T53 VISHAY-T53_V01 Datasheet
84Kb / 5P
5 mm Through Hole Trimmer Single-Turn Cermet
12-Jan-17
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
7 mm Diameter Miniature Single-Turn Cermet Trimmer
18-Jul-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com