Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS Datasheet (PDF) - Vishay Siliconix

TFS Datasheet PDF - Vishay Siliconix
Part # TFS
Download  TFS Download
File Size   87.03 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors

TFS Datasheet (PDF)

Go To PDF Page Download Datasheet
TFS Datasheet PDF - Vishay Siliconix

Part # TFS
Download  TFS Click to download

File Size   87.03 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors

TFS Datasheet (HTML) - Vishay Siliconix


TFS Product details

• Conforms to the DIN 43760 specs in -60 °C to
+180 °C temperature range
• TCR: 6180 ppm/°C (between 0 °C and 100 °C) (3)
• Wide resistance range: 25 Ω to 2500 Ω, TFS-S
25 Ω to 250 Ω, TFS-W
• Packaging available: W/A, SIL
• 2 versions: SMD and through hole
• High stability (ΔR/R andΔCT/CT < 0.2 % 1000 h at Pn at
150 °C)




Similar Part No. - TFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
Splash Proof Miniature Snap-acting Switches
TFS CK-COMPONENTS-TFS Datasheet
750Kb / 8P
Splash Proof Mid Size Snap-acting Switches
30 Apr 21
logo
Vishay Siliconix
TFS VISHAY-TFS Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-S VISHAY-TFS-S Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
TFS-W VISHAY-TFS-W Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results


Similar Description - TFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
PHP VISHAY-PHP Datasheet
132Kb / 4P
High Power Thin Film Wraparound Chip Resistor
24-Feb-11
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
PHP VISHAY-PHP_15 Datasheet
135Kb / 5P
High Power Thin Film Wraparound Chip Resistor
07-Aug-14
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
BU2506-E3 VISHAY-BU2506-E3 Datasheet
115Kb / 6P
Thin single in-line package
16-Aug-13
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
L0603 VISHAY-L0603 Datasheet
161Kb / 5P
SMD Wraparound Ultra Low Value Thin Film Resistors
31-Jan-2020
TFS VISHAY-TFS_V01 Datasheet
92Kb / 3P
Wraparound and Single-In-Line, Thin Film Nickel Temperature Sensors
23-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com