Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCSC17T155DBE Datasheet (PDF) - Vishay Siliconix

PTCSC17T155DBE Datasheet PDF - Vishay Siliconix
Part # PTCSC17T155DBE
Download  PTCSC17T155DBE Download
File Size   90.12 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Mini Chips for Over-Temperature Protection

PTCSC17T155DBE Datasheet (PDF)

Go To PDF Page Download Datasheet
PTCSC17T155DBE Datasheet PDF - Vishay Siliconix

Part # PTCSC17T155DBE
Download  PTCSC17T155DBE Click to download

File Size   90.12 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Mini Chips for Over-Temperature Protection

PTCSC17T155DBE Datasheet (HTML) - Vishay Siliconix


PTCSC17T155DBE Product details

• Well-defined protection temperature levels
• Fast reaction time (< 6 s in still air)
• Accurate resistance for ease of circuit design
• Excellent long term behavior (< 1 °C or 5 % after
1000 h at Tn +15 °C)
• Wide range of protection temperatures
(70 °C to 170 °C)
• Small size and rugged




Similar Part No. - PTCSC17T155DBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
PTC Thermistors, For Temperature Protection
19-Dec-07
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSGM3T071DBE VISHAY-PTCSGM3T071DBE Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSGM3T081DBE VISHAY-PTCSGM3T081DBE Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSGM3T091DBE VISHAY-PTCSGM3T091DBE Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
More results


Similar Description - PTCSC17T155DBE

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ Datasheet
853Kb / 17P
Over Temperature Protection
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ Datasheet
670Kb / 14P
Over Temperature Protection
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ Datasheet
760Kb / 17P
Over temperature protection
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ Datasheet
826Kb / 14P
Over Temperature Protection
logo
Skyworks Solutions Inc.
AAT1189 SKYWORKS-AAT1189 Datasheet
3Mb / 19P
Over-Temperature Protection
AAT1401 SKYWORKS-AAT1401 Datasheet
2Mb / 19P
Over Temperature Protection
logo
Vishay Siliconix
PTCSL03 VISHAY-PTCSL03 Datasheet
125Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
02-Mar-16
PTCSL20 VISHAY-PTCSL20 Datasheet
91Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
04-Dec-15
PTCSL VISHAY-PTCSL Datasheet
109Kb / 5P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
08-Jun-09
PTCSL03 VISHAY-PTCSL03_V01 Datasheet
87Kb / 4P
PTC Thermistors, Mini Radial Leaded for Over-Temperature Protection
21-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com