Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5 Datasheet (PDF) - Vishay Siliconix

TS5 Datasheet PDF - Vishay Siliconix
Part # TS5
Download  TS5 Download
File Size   126.63 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed

TS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5 Datasheet PDF - Vishay Siliconix

Part # TS5
Download  TS5 Click to download

File Size   126.63 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed

TS5 Datasheet (HTML) - Vishay Siliconix


TS5 Product details

• 0.25 W at 70 °C
• Professional grade
• Wide ohmic range (10 Ω to 1 MΩ)
• Full sealing
• Low contact resistance variation (1 % or 3 Ω)
• Small size for optimum packaging density
• Tests according to CECC 41000 or IEC 60393-1




Similar Part No. - TS5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS5 VISHAY-TS5 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
logo
Tyco Electronics
TS5-1Y MACOM-TS5-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
logo
Transcend Information. ...
TS500GSJ25C TRANSCEND-TS500GSJ25C Datasheet
106Kb / 3P
SATA HDD Enclosure
TS500GSJ25F TRANSCEND-TS500GSJ25F Datasheet
364Kb / 2P
External HDD
TS500GSJ25P TRANSCEND-TS500GSJ25P Datasheet
156Kb / 3P
SATA HDD Enclosure
More results


Similar Description - TS5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS5Y VISHAY-TS5Y Datasheet
180Kb / 3P
Surface Mount Miniature Trimmers Single Turn Cermet Fully Sealed
04-Mar-02
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
19-Jan-04
TS5Y VISHAY-TS5Y_07 Datasheet
108Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
27-Jun-07
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
27-Jun-07
TS63 VISHAY-TS63_07 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
22-Dec-08
TS53 VISHAY-TS53 Datasheet
129Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
12-Jan-17
TS53 VISHAY-TS53_V01 Datasheet
117Kb / 6P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
13-Dec-2022
TS5 VISHAY-TS5_V01 Datasheet
118Kb / 5P
5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Fully Sealed
13-Dec-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com