Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST676 Datasheet (PDF) - OSRAM GmbH

LST676 Datasheet PDF - OSRAM GmbH
Part # LST676
Download  LST676 Download
File Size   476.36 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description TOPLED

LST676 Datasheet (PDF)

Go To PDF Page Download Datasheet
LST676 Datasheet PDF - OSRAM GmbH

Part # LST676
Download  LST676 Click to download

File Size   476.36 Kbytes
Page   19 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description TOPLED

LST676 Datasheet (HTML) - OSRAM GmbH


LST676 Product details

Non-RoHS compliant version of product will be discontinued acc. to OS-PD-2005-005.
The product itself will remain within RoHS compliant version.

Features
• package: white P-LCC-2 package, colorless clear resin
• feature of the device: extremely wide viewing angle; ideal for backlighting and coupling in light guides
• wavelength: 633 nm (super-red), 615 nm (amber), 606 nm (orange), 587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 11 lm/W (yellow, orange, amber), 7 lm/W (super-red)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-B

Applications
• indoor and outdoor displays (e.g. displays for traffic; light writing displays)
• optical indicators
• coupling into light guides
• backlighting (LCD, cellular phones, switches, keys, displays, illuminated advertising)
• interior automotive lighting (e.g. dashboard backlighting)
• substitution of micro incandescent lamps
• signal and symbol luminaire




Similar Part No. - LST676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST676-NR SIEMENS-LST676-NR Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
LST676-P SIEMENS-LST676-P Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LST676-P2S1-1 OSRAM-LST676-P2S1-1 Datasheet
476Kb / 19P
TOPLED
logo
Siemens Semiconductor G...
LST676-PS SIEMENS-LST676-PS Datasheet
350Kb / 7P
Hyper TOPLED Hyper-Bright LED
More results


Similar Description - LST676

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST670 SIEMENS-LST670 Datasheet
496Kb / 8P
TOPLED
logo
OSRAM GmbH
LG-T676-P1Q2-24-Z OSRAM-LG-T676-P1Q2-24-Z Datasheet
536Kb / 21P
TOPLED
LR-T68F-U1AA-1-1-Z OSRAM-LR-T68F-U1AA-1-1-Z Datasheet
480Kb / 21P
TOPLED
LS-T67F-T2V2-1-1-Z OSRAM-LS-T67F-T2V2-1-1-Z Datasheet
493Kb / 20P
TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
TOPLED
LTT673 OSRAM-LTT673 Datasheet
479Kb / 22P
TOPLED
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
TOPLED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com