Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6L09FU Datasheet (PDF) - Toshiba Semiconductor

SSM6L09FU Datasheet PDF - Toshiba Semiconductor
Part # SSM6L09FU
Download  SSM6L09FU Download
File Size   203.64 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type

SSM6L09FU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM6L09FU Datasheet PDF - Toshiba Semiconductor

Part # SSM6L09FU
Download  SSM6L09FU Click to download

File Size   203.64 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type

SSM6L09FU Datasheet (HTML) - Toshiba Semiconductor


SSM6L09FU Product details

Power Management Switch
High Speed Switching Applications

• Small package
• Low on-resistance Q1: RDS(ON) = 0.7 Ω (max) (@VGS = 10 V)
                                 Q2: RDS(ON) = 2.7 Ω (max) (@VGS = −10 V)




Similar Part No. - SSM6L09FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6L09FU TOSHIBA-SSM6L09FU Datasheet
214Kb / 8P
Power Management Switch
SSM6L09FU TOSHIBA-SSM6L09FU_07 Datasheet
214Kb / 8P
Power Management Switch
More results


Similar Description - SSM6L09FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6L05FU TOSHIBA-SSM6L05FU Datasheet
205Kb / 8P
TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6L13TU TOSHIBA-SSM6L13TU_10 Datasheet
240Kb / 8P
TOSHIBA Field-Effect Transistor Silicon P / N Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com