Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-NUCLEO-NFC02A1 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-NFC02A1 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-NFC02A1
Download  X-NUCLEO-NFC02A1 Download
File Size   311.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo

X-NUCLEO-NFC02A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-NFC02A1 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-NFC02A1
Download  X-NUCLEO-NFC02A1 Click to download

File Size   311.87 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dynamic NFC tag IC expansion board based on M24LR04E for STM32 Nucleo

X-NUCLEO-NFC02A1 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-NFC02A1 Product details

Description
The X-NUCLEO-NFC02A1 is a dynamic NFC/RFID tag board based on M24LR04E-R, for expansion of STM32 Nucleo boards. The M24LR04E-R is an NFC Type V/RFID tag IC with a dual-interface 4 Kbit Electrically Erasable Programmable Read-Only Memory (EEPROM) that also features an I2C interface. The EEPROM is organized as 512 x 8 bit in the I2C mode and as 128 x 32 bit in RF mode. It can be operated either from an external power supply or directly powered by the received carrier electromagnetic field. The tag provides an user configurable digital output pin toggling during either RF Write in Progress or RF Busy mode. The M24LR04E-R provides an Energy Harvesting mode. When activated, the M24LR04E-R delivers the excess energy coming from the RF field on the Vout analog pin. In case the RF field strength is insufficient or when Energy Harvesting mode is disabled, the analog output pin Vout goes into high-Z state and Energy Harvesting mode is automatically stopped. The X-NUCLEO-NFC02A1 is compatible with the Arduino™ UNO R3 connector pin assignment and interfaces with the STM32 MCU via the I2C pins.

Features
■ STM32 expansion board based on the M24LR04E-RMN6T/2 Dynamic NFC/RFID tag
■ Up to 4 Kbit memory with NDEF support
■ 30 mm x 30 mm 13.56 MHz double layer inductive antenna etched on the PCB
■ Compatible with STM32 Nucleo boards
■ Equipped with Arduino™ UNO R3 connector
■ Self powered or powered through the Arduino™ UNO R3 connectors
■ 3 general purpose LEDs
■ Scalable solution, capable of cascading multiple boards for larger systems
■ Free comprehensive development firmware library and example for M24LR04E-R, compatible with STM32Cube firmware
■ FCC verified
■ RoHS compliant




Similar Part No. - X-NUCLEO-NFC02A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
X-NUCLEO-NFC03A1 STMICROELECTRONICS-X-NUCLEO-NFC03A1 Datasheet
329Kb / 7P
NFC card reader expansion board based on CR95HF for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC04A1 STMICROELECTRONICS-X-NUCLEO-NFC04A1 Datasheet
266Kb / 6P
Dynamic NFC/RFID tag IC expansion board based on ST25DV04K for STM32 Nucleo
22-Jun-2017
X-NUCLEO-NFC05A1 STMICROELECTRONICS-X-NUCLEO-NFC05A1 Datasheet
760Kb / 11P
NFC card reader expansion board based on ST25R3911B for STM32 and STM8 Nucleos
Feb-2019
More results


Similar Description - X-NUCLEO-NFC02A1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1793 STMICROELECTRONICS-UM1793 Datasheet
401Kb / 9P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
31-Oct-2014
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-NFC03A1 STMICROELECTRONICS-X-NUCLEO-NFC03A1 Datasheet
329Kb / 7P
NFC card reader expansion board based on CR95HF for STM32 Nucleo
June 2016 Rev 4
X-NUCLEO-NFC01A1 STMICROELECTRONICS-X-NUCLEO-NFC01A1 Datasheet
197Kb / 3P
Dynamic NFC tag expansion board based on M24SR for STM32 Nucleo
19-Jun-2014
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-NFC04A1 STMICROELECTRONICS-X-NUCLEO-NFC04A1 Datasheet
266Kb / 6P
Dynamic NFC/RFID tag IC expansion board based on ST25DV04K for STM32 Nucleo
22-Jun-2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com