Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC16205 Datasheet (PDF) - OPTREX CORPORATION

DMC16205 Datasheet PDF - OPTREX CORPORATION
Part # DMC16205
Download  DMC16205 Download
File Size   165.57 Kbytes
Page   15 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMC16205 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMC16205 Datasheet PDF - OPTREX CORPORATION

Part # DMC16205
Download  DMC16205 Click to download

File Size   165.57 Kbytes
Page   15 Pages
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION
Description LCD Module Specification

DMC16205 Datasheet (HTML) - OPTREX CORPORATION


DMC16205 Product details

General Specifications
   Operating Temp. : min. 0℃ ~ max. 50℃
   Storage Temp. : min. -20℃ ~ max. 70℃
   Display Format : 16 characters × 2 lines
   Display Fonts : 5 × 8 dots ( 1 character )
   Viewing Area : 59.5 (W) × 16.0 (H) mm
   Outline Dimensions : 88.0 (W) × 34.0 (H) × (16.1) (D) mm
   Weight : 35g max.
   LCD Type : NTD-7494 ( STN / Yellow-mode / Transmissive )
   Viewing Angle : 6:00
   Data Transfer : 4-bit parallel data transfer × 2
   Data Transfer : Serial data transfer
   Backlight : LED Backlight / Yellow-green
   Drawings : Dimensional Outline UE-32573B




Similar Part No. - DMC16205

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC16202NY-LY-AGE OPTREX-DMC16202NY-LY-AGE Datasheet
192Kb / 16P
LCD Module
DMC16207 OPTREX-DMC16207 Datasheet
166Kb / 15P
LCD Module Specification
DMC16207N-B OPTREX-DMC16207N-B Datasheet
166Kb / 15P
LCD Module Specification
More results


Similar Description - DMC16205

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
LCD Module Specification
logo
OPTEK Technologies
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
LCD Module Specification
Date
logo
OPTREX CORPORATION
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
LCD Module Specification
logo
List of Unclassifed Man...
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
LCD MODULE SPECIFICATION
ST64PNPP ETC1-ST64PNPP Datasheet
270Kb / 8P
LCD MODULE SPECIFICATION
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
LCD Module Specification
logo
OPTREX CORPORATION
DMC-50097H OPTREX-DMC-50097H Datasheet
162Kb / 14P
LCD Module Specification
logo
Varitronix internationa...
COG-C100MVC-01 VARITRONIX-COG-C100MVC-01 Datasheet
162Kb / 1P
LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
LCD MODULE SPECIFICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com