Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW65R190CFD Datasheet (PDF) - Inchange Semiconductor Company Limited

IPW65R190CFD Datasheet PDF - Inchange Semiconductor Company Limited
Part # IPW65R190CFD
Download  IPW65R190CFD Download
File Size   335.92 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IPW65R190CFD Datasheet (PDF)

Go To PDF Page Download Datasheet
IPW65R190CFD Datasheet PDF - Inchange Semiconductor Company Limited

Part # IPW65R190CFD
Download  IPW65R190CFD Click to download

File Size   335.92 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description N-Channel MOSFET Transistor

IPW65R190CFD Datasheet (HTML) - Inchange Semiconductor Company Limited


IPW65R190CFD Product details

• DESCRITION
• Fast Switching

• FEATURES
• Static drain-source on-resistance:
   RDS(on)≤190mΩ
• Enhancement mode:
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation




Similar Part No. - IPW65R190CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R190CFD INFINEON-IPW65R190CFD Datasheet
6Mb / 20P
650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPW65R190CFD INFINEON-IPW65R190CFD Datasheet
3Mb / 20P
Metal Oxide Semiconductor Field Effect Transistor
2011-09-26 revision:2.7
IPW65R190CFD7A INFINEON-IPW65R190CFD7A Datasheet
1Mb / 14P
650V CoolMOS짧 CFD7A SJ Power Device
Rev.2.0,2020-08-27
IPW65R190CFDA INFINEON-IPW65R190CFDA Datasheet
2Mb / 16P
Metal Oxide Semiconductor Field Effect Transistor
2012-07-12 revision 2.0
More results


Similar Description - IPW65R190CFD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com