Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE2575 Datasheet (PDF) - NTE Electronics

NTE2575 Datasheet PDF - NTE Electronics
Part # NTE2575
Download  NTE2575 Download
File Size   22.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Video Output for HDTV

NTE2575 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2575 Datasheet PDF - NTE Electronics

Part # NTE2575
Download  NTE2575 Click to download

File Size   22.06 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Video Output for HDTV

NTE2575 Datasheet (HTML) - NTE Electronics


NTE2575 Product details

Features:

• High Collector Emitter Breakdown Voltage: VCEO = 120V Min

• High Gain Bandwidth Product: fT = 400MHz Typ

• Low Reverse Transfer Capacitance and Excellent High Frequency Characteristics:

   NTE2574: Cre = 2.7pF

   NTE2575: Cre = 4.0pF

• Isolated TO220 Type Package



 




Similar Part No. - NTE2575

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current Switch
NTE2571 NTE-NTE2571 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Current Switch
NTE2572 NTE-NTE2572 Datasheet
21Kb / 2P
Silicon NPN Transistor High Current Switch
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
NTE2577 NTE-NTE2577 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
More results


Similar Description - NTE2575

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE128 NTE-NTE128 Datasheet
27Kb / 3P
Silicon Complementary Transistors Audio Output, Video, Driver
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Voltage Video Amplifier
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Voltage for Video Output
NTE2508 NTE-NTE2508 Datasheet
21Kb / 2P
Silicon Complementary Transistors Video Output for HDTV
NTE2511 NTE-NTE2511 Datasheet
22Kb / 2P
Silicon Complementary Transistors High Frequency Video Output for HDTV
NTE2521 NTE-NTE2521 Datasheet
21Kb / 2P
Silicon NPN Transistor Video Output for HDTV
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
NTE2588 NTE-NTE2588 Datasheet
21Kb / 2P
Silicon NPN Transistor Horizontal Output for HDTV
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Frequency Video Driver
logo
Synaptics Incorporated.
CX25874 CONEXANT-CX25874 Datasheet
296Kb / 4P
Video Encoder with HDTV Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com