Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10H100CT Datasheet (PDF) - Vishay Siliconix

MBR10H100CT Datasheet PDF - Vishay Siliconix
Part # MBR10H100CT
Download  MBR10H100CT Download
File Size   78.47 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage Schottky Rectifiers

MBR10H100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10H100CT Datasheet PDF - Vishay Siliconix

Part # MBR10H100CT
Download  MBR10H100CT Click to download

File Size   78.47 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage Schottky Rectifiers

MBR10H100CT Datasheet (HTML) - Vishay Siliconix


MBR10H100CT Product details

Dual Common-Cathode High-Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance

FEATURES
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C
    (for TO-263AB package)
• Solder Dip 260 °C, 40 s (for TO-220AB and ITO-220AB package)
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

TYPICAL APPLICATIONS
    For use in high frequency rectifier of switching mode power supplies,
    freewheeling diodes, dc-to-dc converters or polarity protection application.




Similar Part No. - MBR10H100CT

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
MBR10H100CT VAISH-MBR10H100CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
ON Semiconductor
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
logo
Taiwan Semiconductor Co...
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR10H100CT VISHAY-MBR10H100CT Datasheet
530Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
08-Nov-07
logo
Taiwan Semiconductor Co...
MBR10H100CT TSC-MBR10H100CT Datasheet
595Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR10H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
Dual High-Voltage Schottky Rectifiers
10-May-04
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H100CT VISHAY-MBR30H100CT Datasheet
81Kb / 3P
High-Voltage Dual Schottky Rectifiers
11-Jul-03
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBR30H150CT1 VISHAY-MBR30H150CT1 Datasheet
88Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRB25H60CT VISHAY-MBRB25H60CT Datasheet
95Kb / 3P
Dual High-Voltage Schottky Rectifiers
7-May-03
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jun-04
MBR20H150CT VISHAY-MBR20H150CT Datasheet
76Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Dec-03
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com