Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALA2PF12 Datasheet (PDF) - Nais(Matsushita Electric Works)

ALA2PF12 Datasheet PDF - Nais(Matsushita Electric Works)
Part # ALA2PF12
Download  ALA2PF12 Download
File Size   60.04 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 2 Form A slim power relay

ALA2PF12 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALA2PF12 Datasheet PDF - Nais(Matsushita Electric Works)

Part # ALA2PF12
Download  ALA2PF12 Click to download

File Size   60.04 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 2 Form A slim power relay

ALA2PF12 Datasheet (HTML) - Nais(Matsushita Electric Works)


ALA2PF12 Product details

FEATURES
1. 2 Form A slim type
    24(L) × 12(W) × 25(H) mm .945(L)×.472(W)×.984(H) inch
2. 3A type and 5A TV type
    3A type: Contact reliability and break performance best suited for protecting and  switching speakers.
    5A TV type: Tough against inrush current  and optimal for turning on and off the power supply. Rated TV-4 (UL/CSA).
3. High insulation resistance
• Creepage distance and clearances between contact and coil: Min. 6 mm .236  inch(In compliance with IEC65)
• Surge withstand voltage between contact and coil: 10,000 V or more.
4. High noise immunity realized by the  card separation structure between  contact and coil
5. Conforms to the various safety standards
• UL/CSA, VDE, TÜV, SEMKO, SEV approved




Similar Part No. - ALA2PF12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALA2PF12 PANASONIC-ALA2PF12 Datasheet
71Kb / 4P
TV-4 rated. 2a 3A/5A power relays Automatic vending machine
More results


Similar Description - ALA2PF12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
2 Form A Solid State Relay
06-March-02
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
2 Form A Solid State Relay
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
2 Form A Solid State Relay
26-Oct-04
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
Compact & Slim 2 Form C Non-polarized Relay
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com