Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB8952 Datasheet (PDF) - Cirrus Logic

CDB8952 Datasheet PDF - Cirrus Logic
Part # CDB8952
Download  CDB8952 Download
File Size   1130.31 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description CrystalLAN 100BASE-X and 10BASE-T Transceiver

CDB8952 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB8952 Datasheet PDF - Cirrus Logic

Part # CDB8952
Download  CDB8952 Click to download

File Size   1130.31 Kbytes
Page   82 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description CrystalLAN 100BASE-X and 10BASE-T Transceiver

CDB8952 Datasheet (HTML) - Cirrus Logic


CDB8952 Product details

Description
The CS8952 uses CMOS technology to deliver a highperformance, low-cost 100BASE-X/10BASE-T Physical Layer (PHY) line interface. It makes use of an adaptive equalizer optimized for noise and near end crosstalk (NEXT) immunity to extend receiver operation to cable lengths exceeding 160 m. In addition, the transmit circuitry has been designed to provide extremely low transmit jitter (<400 ps) for improved link partner performance. Transmit driver common mode noise has been minimized to reduce EMI for simplified FCC certification.

Features
● Single-Chip IEEE 802.3 Physical Interface IC for 100BASE-TX, 100BASE-FX and 10BASE-T
● Adaptive Equalizer provides Extended Length Operation (>160 m) with Superior Noise Immunity and NEXT Margin
● Extremely Low Transmit Jitter (<400 ps)
● Low Common Mode Noise on TX Driver for Reduced EMI Problems
● Integrated RX and TX Filters for 10BASE-T
● Compensation for Back-to-Back “Killer Packets”
● Digital Interfaces Supported
    – Media Independent Interface (MII) for 100BASE-X and 10BASE-T
    – Repeater 5-bit code-group interface (100BASE-X)
    – 10BASE-T Serial Interface
● Register Set Compatible with DP83840A
● IEEE 802.3 Auto-Negotiation with Next Page Support
● Six LED drivers (LNK, COL, FDX, TX, RX, and SPD)
● Low power (135 mA Typ) CMOS design operates on a single 5 V supply




Similar Part No. - CDB8952

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDB80D92 SUMIDA-CDB80D92 Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R12MC SUMIDA-CDB80D92NP-R12MC Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R15MC SUMIDA-CDB80D92NP-R15MC Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R22MC SUMIDA-CDB80D92NP-R22MC Datasheet
246Kb / 4P
SMD Power Inductor
CDB80D92NP-R30MC SUMIDA-CDB80D92NP-R30MC Datasheet
246Kb / 4P
SMD Power Inductor
More results


Similar Description - CDB8952

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
100BASE E-X AND 10BASE-T TRANSCEIVER
CS8952 CIRRUS-CS8952_07 Datasheet
826Kb / 81P
CrystalLAN 100BASE-X and 10BASE-T Transceiver
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com