Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7627 Datasheet (PDF) - Holtek Semiconductor Inc

HT7627 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7627
Download  HT7627 Download
File Size   77.34 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description PFM Step-up DC/DC Converter & Voltage Detector

HT7627 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7627 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7627
Download  HT7627 Click to download

File Size   77.34 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description PFM Step-up DC/DC Converter & Voltage Detector

HT7627 Datasheet (HTML) - Holtek Semiconductor Inc


HT7627 Product details

General Description
The HT7627 DC/DC converter with built in voltage detector is a high performance CMOS IC, suitable for use in battery-powered system application with low noise and low supply current. The HT7627 consists of two major parts, one is DC/DC converter and the other is voltage detector. The DC/DC converter part consists of reference voltage source, error amplifier, control transistor, oscillation circuit and output voltage setting resistor.

Features
• High output voltage accuracy: 5%
• Low ripple and low noise
• Low start-up voltage (when the output current is 1mA): 0.95V
• Low current consumption: 14μA with 1.5V input (typ.)
• Fixed output voltage: 2.7V
• Built-in 2.1V (typ.) voltage detector
• 8-pin SOP package

Applications
• Pager
• RF Mouse/Keyboard




Similar Part No. - HT7627

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7610 HOLTEK-HT7610 Datasheet
164Kb / 11P
General Purpose PIR Controller
24th Mar 97
HT7610 HOLTEK-HT7610 Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
HT7610A HOLTEK-HT7610A Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
General Purpose PIR Controller
March 21, 2013
HT7610B HOLTEK-HT7610B Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
More results


Similar Description - HT7627

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
PFM Step-Up DC-DC Converter
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
PFM Step-up DC/DC Converter
June 25, 2016
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
PFM Step-up DC/DC Converter
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com