Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF6824B Datasheet (PDF) - ON Semiconductor

FDMF6824B Datasheet PDF - ON Semiconductor
Part # FDMF6824B
Download  FDMF6824B Download
File Size   706.83 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Extra-Small, High-Performance, High-Frequency DrMOS Module

FDMF6824B Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMF6824B Datasheet PDF - ON Semiconductor

Part # FDMF6824B
Download  FDMF6824B Click to download

File Size   706.83 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Extra-Small, High-Performance, High-Frequency DrMOS Module

FDMF6824B Datasheet (HTML) - ON Semiconductor


FDMF6824B Product details

Description
The XS™ DrMOS family is ON Semiconductor’s next generation, fully optimized, ultra-compact, integrated MOSFET plus driver pow er stage solution for high current, high-frequency, synchronous buc k DC-DC applications. The FDMF6824B integrates a driver IC, tw o pow er MOSFETs, and a bootstrap Schottky diode into a thermally enhanced, ultra-compact 6x6mm package.

Features
■ Over 93% Peak-Efficiency
■ High-Current Handling: 55 A
■ High-Performance PQFN Copper-Clip Package
■ 3-State 5 V PWM Input Driver
■ Skip-Mode SMOD# (Low -Side Gate Turn Off) Input
■ Thermal Warning Flag for Over-Temperature Condition
■ Driver Output Disable Function (DISB# Pin)
■ Internal Pull-Up and Pull-Dow n for SMOD# and DISB# Inputs, Respectively
■ ON Semiconductor Pow erTrench® Technology MOSFETs for Clean Voltage Waveforms and Reduced Ringing
■ ON Semiconductor SyncFET™ (Integrated Schottky Diode) Technology in Low -Side MOSFET
■ Integrated Bootstrap Schottky Diode
■ Adaptive Gate Drive Timing for Shoot-Through Protection
■ Under-Voltage Lockout (UVLO)
■ Optimized for Sw itching Frequencies up to 1 MHz
■ Low -Profile SMD Package
■ ON Semiconductor Green Packaging and RoHS Compliance
■ Based on the Intel® 4.0 DrMOS Standard

Applications
■ High-Performance Gaming Motherboards
■ Compact Blade Servers, V-Core and Non-V-Core DC-DC Converters
■ Desktop Computers, V-Core and Non-V-Core DC-DC Converters
■ Workstations
■ High-Current DC-DC Point-of-Load Converters
■ Netw orking and Telecom Microprocessor Voltage Regulators
■ Small Form-Factor Voltage Regulator Modules




Similar Part No. - FDMF6824B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6824B FAIRCHILD-FDMF6824B Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
More results


Similar Description - FDMF6824B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6707B FAIRCHILD-FDMF6707B Datasheet
1Mb / 18P
Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
FDMF6821C FAIRCHILD-FDMF6821C Datasheet
1Mb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6705 ONSEMI-FDMF6705 Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.4
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
FDMF6824C ONSEMI-FDMF6824C Datasheet
1Mb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.1
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF6823C ONSEMI-FDMF6823C Datasheet
931Kb / 21P
Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com