Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP207 Datasheet (PDF) - Analog Devices

OP207 Datasheet PDF - Analog Devices
Part # OP207
Download  OP207 Download
File Size   150.12 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Ultra-Low Vos Matched Operational Amplifier

OP207 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP207 Datasheet PDF - Analog Devices

Part # OP207
Download  OP207 Click to download

File Size   150.12 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Ultra-Low Vos Matched Operational Amplifier

OP207 Datasheet (HTML) - Analog Devices


OP207 Product details

GENERAL DESCRIPTION

The OP270 is a high performance, monolithic, dual operational amplifier with exceptionally low voltage noise density (5 nV/√Hz maximum at 1 kHz). It offers comparable performance to the industry-standard OP27 from Analog Devices, Inc.

The OP270 features an input offset voltage of less than 75 μV and an offset drift of less than 1 μV/°C, guaranteed over the full military temperature range. Open-loop gain of the OP270 is more than 1,500,000 into a 10 kΩ load, ensuring excellent gain accuracy and linearity, even in high gain applications. The input bias current is less than 20 nA, which reduces errors due to signal source resistance. With a common-mode rejection (CMR) of greater than 106 dB and a power supply rejection ratio (PSRR) of less than 3.2 μV/V, the OP270 significantly reduces errors due to ground noise and power supply fluctuations. The power consumption of the dual OP270 is one-third less than two OP27 devices, a significant advantage for power conscious applications. The OP270 is unity-gain stable with a gain bandwidth product of 5 MHz and a slew rate of 2.4 V/μs.



FEATURES

  Very low noise density of 5 nV/√Hz at 1 kHz maximum

  Excellent input offset voltage of 75 μV maximum

  Low offset voltage drift of 1 μV/°C maximum

  Very high gain of 1500 V/mV minimum

  Outstanding CMR of 106 dB minimum

  Slew rate of 2.4 V/μs typical

  Gain bandwidth product of 5 MHz typical

  Industry-standard 8-lead dual pinout



 




Similar Part No. - OP207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP207 AD-OP207 Datasheet
276Kb / 6P
DUAL ULTRALOW VOS MATCHED OPERATIONAL AMPLIFIER
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
7mm Spot Diameter LED
logo
Analog Devices
OP207 AD-OP207_15 Datasheet
288Kb / 6P
Dual Ultralow V Matched Operational Amplifier
More results


Similar Description - OP207

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-10 AD-OP-10 Datasheet
612Kb / 12P
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
OP-207 AD-OP-207 Datasheet
276Kb / 6P
DUAL ULTRALOW VOS MATCHED OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
Dual, Matched Precision Operational Amplifier
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
Analog Devices
OP10AY AD-OP10AY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP10CY AD-OP10CY Datasheet
478Kb / 12P
Dual Matched Instrumentation Operational Amplifier
OP10 AD-OP10_15 Datasheet
616Kb / 12P
DUAL MATCHED INSTRUMENTATION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
logo
NXP Semiconductors
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com