Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148WL2 Datasheet (PDF) - Micro Commercial Components

1N4148WL2 Datasheet PDF - Micro Commercial Components
Part # 1N4148WL2
Download  1N4148WL2 Download
File Size   395.21 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150 mA Switching Diode 100 Volts

1N4148WL2 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4148WL2 Datasheet PDF - Micro Commercial Components

Part # 1N4148WL2
Download  1N4148WL2 Click to download

File Size   395.21 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 150 mA Switching Diode 100 Volts

1N4148WL2 Datasheet (HTML) - Micro Commercial Components


1N4148WL2 Product details

Features
• Small surface mounting type
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Marking:T4
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 1N4148WL2

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
1N4148WL2-TP TECHPUBLIC-1N4148WL2-TP Datasheet
1Mb / 4P
Switching Diode
More results


Similar Description - 1N4148WL2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222 Datasheet
173Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202 Datasheet
345Kb / 3P
100 mA Switching Diode 80 Volts
DK400LP MCC-DK400LP Datasheet
374Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_17 Datasheet
407Kb / 3P
150 mA Switching Diode 80 Volts
DA204U MCC-DA204U_13 Datasheet
211Kb / 2P
100 mA Switching Diode 20 Volts
DAN202U MCC-DAN202U_13 Datasheet
266Kb / 3P
100 mA Switching Diode 80 Volts
DAN222M MCC-DAN222M Datasheet
318Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202_13 Datasheet
405Kb / 3P
100 mA Switching Diode 80 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com