Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C554D Datasheet (PDF) - Exar Corporation

ST16C554D Datasheet PDF - Exar Corporation
Part # ST16C554D
Download  ST16C554D Download
File Size   518.66 Kbytes
Page   40 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD UART WITH 16-BYTE FIFOS

ST16C554D Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C554D Datasheet PDF - Exar Corporation

Part # ST16C554D
Download  ST16C554D Click to download

File Size   518.66 Kbytes
Page   40 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description QUAD UART WITH 16-BYTE FIFOS

ST16C554D Datasheet (HTML) - Exar Corporation


ST16C554D Product details

GENERAL DESCRIPTION
The ST16C554/554D (554) is a quad Universal Asynchronous Receiver and Transmitter (UART) with 16 bytes of transmit and receive FIFOs, selectable receive FIFO trigger levels and data rates of up to 1.5 Mbps. Each UART has a set of registers that provide the user with operating status and control, receiver error indications, and modem serial interface controls. An internal loopback capability allows onboard diagnostics. The 554 is available in a 64-pin LQFP and a 68-pin PLCC package. The 64-pin package only offers the 16 mode interface, but the 68-pin package offers an additional 68 mode interface which allows easy integration with Motorola processors. The ST16C554CQ64 (64-pin) offers three state interrupt output while the ST16C554DCQ64 provides continuous interrupt output. The 554 combines the package interface modes of the 16C554 and 68C554 on a single integrated chip.

FEATURES
 • Pin-to-pin compatible with the industry standard ST16C454, ST68C454, ST68C554, TI’s TL16C554A and Philips’ SC16C554B
 • Intel or Motorola Data Bus Interface select
 • Four independent UART channels
    ■ Register Set Compatible to 16C550
    ■ Data rates of up to 1.5 Mbps at 5 V
    ■ Data rates of up to 500 Kbps at 3.3V
    ■ 16 byte Transmit FIFO
    ■ 16 byte Receive FIFO with error tags
    ■ 4 Selectable RX FIFO Trigger Levels
    ■ Full modem interface
 • 2.97V to 5.5V supply operation
 • Crystal oscillator or external clock input

APPLICATIONS
 • Portable Appliances
 • Telecommunication Network Routers
 • Ethernet Network Routers
 • Cellular Data Devices
 • Factory Automation and Process Controls




Similar Part No. - ST16C554D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C554D EXAR-ST16C554D Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554D EXAR-ST16C554D Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DCJ68 EXAR-ST16C554DCJ68 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DCJ68 EXAR-ST16C554DCJ68 Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Similar Description - ST16C554D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
List of Unclassifed Man...
OX16C954 ETC-OX16C954 Datasheet
529Kb / 54P
High Performance Quad UART with 128-byte FIFOs Intel / Motorola Bus Interface
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
logo
Texas Instruments
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
Oxford Semiconductor
OX16C950 OXFORD-OX16C950 Datasheet
436Kb / 49P
High Performance UART with 128 byte FIFOs
logo
Texas Instruments
TL16C2550 TI-TL16C2550_10 Datasheet
1Mb / 47P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com