Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE261 Datasheet (PDF) - NTE Electronics

NTE261 Datasheet PDF - NTE Electronics
Part # NTE261
Download  NTE261 Download
File Size   24.86 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amplifier

NTE261 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE261 Datasheet PDF - NTE Electronics

Part # NTE261
Download  NTE261 Click to download

File Size   24.86 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington Power Amplifier

NTE261 Datasheet (HTML) - NTE Electronics


NTE261 Product details

Description:

The NTE261 (NPN) and NTE262 (PNP) are complementary silicon Darlington power transistors in a TO220 type package designed for general purpose amplifier and low–speed switching applications.



Features:

• High DC Current Gain: hFE = 2500 Typ @ IC = 4A

• Collector–Emitter Sustaining Voltage: VCEO(sus) = 100V Min @ 100mA

• Low Collector–Emitter Saturation Voltage:

        VCE(sat) = 2V Max @ IC = 3A

                    = 4V Max @ IC = 5A

• Monolithic Construction with Built–In Base–Emitter Shunt Resistor



 




Similar Part No. - NTE261

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE26 NTE-NTE26 Datasheet
19Kb / 2P
Silicon NPN Transistor Low Noise Audio Amplifier
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE2631 NTE-NTE2631 Datasheet
24Kb / 3P
Integrated Circuit Quad Differential Line Driver
NTE2632 NTE-NTE2632 Datasheet
25Kb / 3P
Integrated Circuit Quad Differential Line Receiver
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Frequency Video Driver
More results


Similar Description - NTE261

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier, Switch
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com