Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH7108 Datasheet (PDF) - List of Unclassifed Manufacturers

TH7108 Datasheet PDF - List of Unclassifed Manufacturers
Part # TH7108
Download  TH7108 Download
File Size   212.8 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 868/915MHz ASK Transmitter / LO Source

TH7108 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH7108 Datasheet PDF - List of Unclassifed Manufacturers

Part # TH7108
Download  TH7108 Click to download

File Size   212.8 Kbytes
Page   10 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 868/915MHz ASK Transmitter / LO Source

TH7108 Datasheet (HTML) - List of Unclassifed Manufacturers


TH7108 Product details

[Melexis]

Description
The TH7108 FSK/ASK/FM transmitter IC is designed for applications in the European 868MHz short range devices (SRD) band, according to the EN 300 220 telecommunications standard. It can also be used for any other system with carrier frequencies ranging from 700 to 1000 MHz (e.g. for applications in the US 915MHz ISM band).

Features
❐ fully integrated, PLL-stabilized VCO
❐ FSK through crystal pulling allows modulation from DC to 20 kbit/s
❐ high deviation possible for wideband data transmission
❐ ASK achieved by on/off keying of internal power amplifier
❐ FM possible with external varactor
❐ wide power supply range from 2.1 to 5.5 V
❐ flexible frequency range from 700 to 1000 MHz
❐ high over-all frequency accuracy
❐ adjustable output power range from -12 to +3 dBm
❐ adjustable current consumption from 6 to 12.5 mA
❐ deviation and center frequency independently adjustable
❐ very low standby current
❐ differential output well-suited for loop antenna
❐ external clock available for µC drive, down to 1.9 V supply
❐ ”clock only”mode
❐ conforms to EN 300 220 standard

Applications
❐ keyless car security and central locking
❐ low power telemetry
❐ alarm systems
❐ general digital data transmission
❐ general analog audio signal transmission




Similar Part No. - TH7108

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
logo
List of Unclassifed Man...
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
868/915MHz ASK Transmitter / LO Source
More results


Similar Description - TH7108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
ASK Transmitter / LO Source
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
868/915MHz ASK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
868/915MHz FSK/ASK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com