Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB48060P11Z Datasheet (PDF) - TT Electronics.

OPB48060P11Z Datasheet PDF - TT Electronics.
Part # OPB48060P11Z
Download  OPB48060P11Z Download
File Size   1108.6 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical

OPB48060P11Z Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB48060P11Z Datasheet PDF - TT Electronics.

Part # OPB48060P11Z
Download  OPB48060P11Z Click to download

File Size   1108.6 Kbytes
Page   8 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Slotted Optical

OPB48060P11Z Datasheet (HTML) - TT Electronics.


OPB48060P11Z Product details

Description:
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460 through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have 24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up to 10 TTL loads.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more information.

Features:
● Choice of pins or wires mounting configuration
● Choice of aperture
● Choice of output configuration
● Choice of opaque or IR transmissive shell material
● Data rates to 250 kBaud
● Low power consumption

Applications:
● Mechanical switch replacement
● Speed indication (tachometer)
● Mechanical limit indication
● Edge sensing




Similar Part No. - OPB48060P11Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB480 OPTEK-OPB480 Datasheet
175Kb / 4P
Photologic Slotted Optical Switches
Jul-2003
OPB480 OPTEK-OPB480 Datasheet
264Kb / 7P
Choice of pins or wires mounting configuration
06/14
OPB480L11 OPTEK-OPB480L11 Datasheet
175Kb / 4P
Photologic Slotted Optical Switches
Jul-2003
OPB480N11 OPTEK-OPB480N11 Datasheet
175Kb / 4P
Photologic Slotted Optical Switches
Jul-2003
OPB480P11 OPTEK-OPB480P11 Datasheet
175Kb / 4P
Photologic Slotted Optical Switches
Jul-2003
More results


Similar Description - OPB48060P11Z

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
slotted optical switch
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
SLOTTED OPTICAL SWITCH
logo
OPTEK Technologies
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
Slotted Optical Switches
Jan-2005
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
Slotted Optical Switch
1/16
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
Slotted Optical Switches
July 1996
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
Slotted Optical Switch
logo
TT Electronics.
OPB660N TTELEC-OPB660N Datasheet
692Kb / 3P
Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
Slotted Optical Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com