Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP822 Datasheet (PDF) - Toshiba Semiconductor

TLP822 Datasheet PDF - Toshiba Semiconductor
Part # TLP822
Download  TLP822 Download
File Size   430.75 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR

TLP822 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP822 Datasheet PDF - Toshiba Semiconductor

Part # TLP822
Download  TLP822 Click to download

File Size   430.75 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR

TLP822 Datasheet (HTML) - Toshiba Semiconductor


TLP822 Product details

Lead Free Product
Vcrs, Compact Disc Players
Floppy Disk Drives,Fax Machines, Printers
Vending Machines
Various Position Detection Sensors

The TLP822(F) and TLP827(F) photo−interrupters combine a high−radiant−power GaAs infrared LED with an Si phototransistor.

• Small package
• Side mounting type: TLP822(F)
• Designed for direct mounting on printed
   circuit boards: TLP827(F) (the oblong slit)
• Gap: 5mm
• Resolution: Slit width = 0.5mm
• High current transfer ratio: IC / IF=5%(min)
                                             at IF=10mA
• Detector impermeable to visible light
• Package material: polycarbonate




Similar Part No. - TLP822

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP824 TOSHIBA-TLP824 Datasheet
427Kb / 10P
PHOTO INTERRUPERS INFRARED LED PHOTOTRANSISTOR
TLP825 TOSHIBA-TLP825 Datasheet
427Kb / 10P
PHOTO INTERRUPERS INFRARED LED PHOTOTRANSISTOR
TLP828 TOSHIBA-TLP828 Datasheet
287Kb / 6P
Photo-interrupter Which incorporates a GaAs infrared LED and a fast response Si Phototransistor in a Dust-proof package.
logo
Tripp Lite. All Rights ...
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
More results


Similar Description - TLP822

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNZ1102 PANASONIC-CNZ1102 Datasheet
55Kb / 3P
Photo Interrupters
CNZ1111 PANASONIC-CNZ1111 Datasheet
54Kb / 3P
Photo Interrupters
logo
List of Unclassifed Man...
G-310 ETC-G-310 Datasheet
380Kb / 7P
PHOTO INTERRUPTERS
logo
KODENSHI_AUK CORP.
SG220 KODENSHI-SG220 Datasheet
89Kb / 2P
PHOTO INTERRUPTERS
SG223 KODENSHI-SG223 Datasheet
102Kb / 2P
PHOTO INTERRUPTERS
SG209 KODENSHI-SG209 Datasheet
143Kb / 2P
PHOTO INTERRUPTERS
logo
Toshiba Semiconductor
TLP865 TOSHIBA-TLP865 Datasheet
414Kb / 10P
TOSHIBA PHOTO-INTERRUPTERS INFRARED LED PHOTODARLINGTON TRANSISTOR
04-Apr-2002
logo
KODENSHI_AUK CORP.
SG23FI KODENSHI-SG23FI Datasheet
127Kb / 2P
PHOTO INTERRUPTERS
SG243 KODENSHI-SG243 Datasheet
116Kb / 2P
PHOTO INTERRUPTERS
SG248 KODENSHI-SG248 Datasheet
157Kb / 2P
PHOTO INTERRUPTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com