Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT750 Datasheet (PDF) - Micro Commercial Components

BAT750 Datasheet PDF - Micro Commercial Components
Part # BAT750
Download  BAT750 Download
File Size   541.45 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mWatt, 40Volt Schottky Barrier Diode

BAT750 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT750 Datasheet PDF - Micro Commercial Components

Part # BAT750
Download  BAT750 Click to download

File Size   541.45 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mWatt, 40Volt Schottky Barrier Diode

BAT750 Datasheet (HTML) - Micro Commercial Components


BAT750 Product details

Features
• Lead Free Finish/Rohs Compliant ("P"Suffix designates
   RoHS Compliant. See ordering information)
• High conductance.
• Very low forward voltage drop.
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"
• Marking:K77




Similar Part No. - BAT750

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
62Kb / 3P
0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 4 - 2
BAT750 DIODES-BAT750 Datasheet
391Kb / 3P
0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
BAT750 BILIN-BAT750 Datasheet
185Kb / 3P
Schottky barrier diode
logo
Zetex Semiconductors
BAT750 ZETEX-BAT750 Datasheet
287Kb / 6P
SOT23 Schottky barrier diode
logo
Diodes Incorporated
BAT750 DIODES-BAT750 Datasheet
133Kb / 3P
0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2008
More results


Similar Description - BAT750

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS40WT MCC-BAS40WT Datasheet
465Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
logo
Sirectifier Global Corp...
CH651H-40PT SIRECT-CH651H-40PT Datasheet
172Kb / 2P
Schottky Rectifier - 0.75Amp 40Volt
SBL3040CT SIRECT-SBL3040CT Datasheet
140Kb / 2P
Power Schottky Rectifier - 30Amp 40Volt
logo
Micro Commercial Compon...
BAS40TW MCC-BAS40TW Datasheet
212Kb / 3P
200mW 40Volt Schottky Barrier Diode
BAS40WT MCC-BAS40WT_11 Datasheet
180Kb / 3P
200mW 40Volt Plastic-Encapsulate Diode
LS103A MCC-LS103A Datasheet
236Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Sirectifier Global Corp...
STVBSAD SIRECT-STVBSAD_12 Datasheet
183Kb / 3P
Power Schottky Rectifier - 12Amp 40Volt
logo
Micro Commercial Compon...
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
200mW 40Volt Schottky Barrier Diode
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
200mW 40Volt Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com