Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPHV Datasheet (PDF) - Littelfuse

SPHV Datasheet PDF - Littelfuse
Part # SPHV
Download  SPHV Download
File Size   987.49 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 200W Discrete Unidirectional TVS Diode

SPHV Datasheet (PDF)

Go To PDF Page Download Datasheet
SPHV Datasheet PDF - Littelfuse

Part # SPHV
Download  SPHV Click to download

File Size   987.49 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 200W Discrete Unidirectional TVS Diode

SPHV Datasheet (HTML) - Littelfuse




Similar Part No. - SPHV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SPHV12-01ETG LEIDITECH-SPHV12-01ETG Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
logo
Littelfuse
SPHV12-01ETG-C LITTELFUSE-SPHV12-01ETG-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPHV12-01KTG-C LITTELFUSE-SPHV12-01KTG-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SPHV15-01ETG LEIDITECH-SPHV15-01ETG Datasheet
744Kb / 4P
BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
More results


Similar Description - SPHV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
450W Discrete Unidirectional TVS Diode
logo
Sangdest Microelectroni...
SD72305 SMC-SD72305 Datasheet
154Kb / 5P
Unidirectional Discrete TVS
logo
Littelfuse
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
450W Discrete Unidirectional TVS Diode
AQXX LITTELFUSE-AQXX Datasheet
2Mb / 7P
AQxx Series 450W Discrete Unidirectional TVS Diode
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
SP1124T Discrete Unidirectional TVS Diode
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
AQ22-01FTG LITTELFUSE-AQ22-01FTG Datasheet
1Mb / 6P
AQ22-01FTG, 950W Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc.
AQHVXX-01ETG LITTELFUSE-AQHVXX-01ETG Datasheet
874Kb / 6P
AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com