Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEF44A Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
VEF44A Datasheet PDF - National Semiconductor (TI)
Part # VEF44A
Download  VEF44A Download
File Size   28.95 Kbytes
Page   1 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD

VEF44A Datasheet (PDF)

Go To PDF Page Download Datasheet
VEF44A Datasheet PDF - National Semiconductor (TI)

Part # VEF44A
Download  VEF44A Click to download

File Size   28.95 Kbytes
Page   1 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD

VEF44A Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - VEF44A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VEF XPPOWER-VEF Datasheet
364Kb / 2P
Energy Efficiency Level V
VEF50 XPPOWER-VEF50 Datasheet
131Kb / 2P
50 Watts VEF Series
VEF50US12 XPPOWER-VEF50US12 Datasheet
131Kb / 2P
50 Watts VEF Series
VEF50US15 XPPOWER-VEF50US15 Datasheet
131Kb / 2P
50 Watts VEF Series
VEF50US19 XPPOWER-VEF50US19 Datasheet
131Kb / 2P
50 Watts VEF Series
More results


Similar Description - VEF44A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MQFP INTERSIL-MQFP Datasheet
17Kb / 1P
Metric Plastic Quad Flatpack Packages
logo
SIRENZA MICRODEVICES
SS-91 SIRENZA-SS-91 Datasheet
405Kb / 1P
SPST Flatpack RF Switch 10-500 MHz
logo
GREATECS
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
ILSI America LLC
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
logo
List of Unclassifed Man...
C310T-SC ETC2-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
logo
Eaton All Rights Reserv...
C310FH EATON-C310FH Datasheet
371Kb / 5P
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
C310T-SC EATON-C310T-SC Datasheet
778Kb / 7P
3.6 mm x 10 mm Time-delay, axial lead ceramic tube fuses
logo
STMicroelectronics
TQFP44 STMICROELECTRONICS-TQFP44 Datasheet
95Kb / 5P
44-LEAD THIN QUAD FLAT PACKAGE
Nov-2004
logo
Hubbell Incorporated.
V1090007 HUBBELL-V1090007 Datasheet
366Kb / 1P
Anchor, Lead, Round Rod,10/10/10 X 7ft
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com