Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3253A-24T6 Datasheet (PDF) - STMicroelectronics

UPSD3253A-24T6 Datasheet PDF - STMicroelectronics
Part # UPSD3253A-24T6
Download  UPSD3253A-24T6 Download
File Size   1214.98 Kbytes
Page   176 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM

UPSD3253A-24T6 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPSD3253A-24T6 Datasheet PDF - STMicroelectronics

Part # UPSD3253A-24T6
Download  UPSD3253A-24T6 Click to download

File Size   1214.98 Kbytes
Page   176 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM

UPSD3253A-24T6 Datasheet (HTML) - STMicroelectronics


UPSD3253A-24T6 Product details

SUMMARY DESCRIPTION
■ Dual bank Flash memories
   – Concurrent operation, read from memory while erasing and writing the other. In-Application Programming (IAP) for remote updates
   – Large 128KByte or 256KByte main Flash memory for application code, operating sys tems, or bit maps for graphic user interfaces
   – Large 32KByte secondary Flash memory di vided in small sectors. Eliminate external EE PROM with software EEPROM emulation
   – Secondary Flash memory is large enough for sophisticated communication protocol (USB) during IAP while continuing critical system tasks
■ Large SRAM with battery back-up option
   – 32KByte SRAM for RTOS, high-level languages, communication buffers, and stacks
■ Programmable Decode PLD for flexible address mapping of all memories
   – Place individual Flash and SRAM sectors on any address boundary
   – Built-in page register breaks restrictive 8032 limit of 64KByte address space
   – Special register swaps Flash memory segments between 8032 “program” space and “data” space for efficient In-Application Programming
■ High-speed clock standard 8032 core (12-cycle)
   – 40MHz operation at 5V, 24MHz at 3.3V
   – 2 UARTs with independent baud rate, three 16-bit Timer/Counters and two External Interrupts
■ USB Interface (some devices only)
   – Supports USB 1.1 Slow Mode (1.5Mbit/s)
   – Control endpoint 0 and interrupt endpoints 1 and 2
■ I2C interface for peripheral connections
   – Capable of master or slave operation
■ 5 Pulse Width Modulator (PWM) channels
   – Four 8-bit PWM units
   – One 8-bit PWM unit with programmable period
■ 4-channel, 8-bit Analog-to-Digital Converter (ADC) with analog supply voltage (VREF)
■ Standalone Display Data Channel (DDC)
   – For use in monitor, projector, and TV applications
   – Compliant with VESA standards DDC1 and DDC2B
   – Eliminate external DDC PROM
■ Six I/O ports with up to 50 I/O pins
   – Multifunction I/O: GPIO, DDC, I2C, PWM, PLD I/O, supervisor, and JTAG
   – Eliminates need for external latches and logic
■ 3000 gate PLD with 16 macrocells
   – Create glue logic, state machines, delays, etc.
   – Eliminate external PALs, PLDs, and 74HCxx
   – Simple PSDsoft Express software ...Free
■ Supervisor functions
   – Generates reset upon low voltage or watch dog time-out. Eliminate external supervisor device
   – RESET Input pin; Reset output via PLD
■ In-System Programming (ISP) via JTAG
   – Program entire chip in 10 - 25 seconds with no involvement of 8032
   – Allows efficient manufacturing, easy product testing, and Just-In-Time inventory
   – Eliminate sockets and pre-programmed parts
   – Program with FlashLINKTM cable and any PC
■ Content Security
   – Programmable Security Bit blocks access of device programmers and readers
■ Zero-Power Technology
   – Memories and PLD automatically reach standby current between input changes
■ Packages
   – 52-pin TQFP
   – 80-pin TQFP: allows access to 8032 address/data/control signals for connecting to external peripherals




Similar Part No. - UPSD3253A-24T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3253A-24T6 STMICROELECTRONICS-UPSD3253A-24T6 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD3253A-24T6T STMICROELECTRONICS-UPSD3253A-24T6T Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD3253A-24T6T STMICROELECTRONICS-UPSD3253A-24T6T Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD3253A-24T6T STMICROELECTRONICS-UPSD3253A-24T6T Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
More results


Similar Description - UPSD3253A-24T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
18-Dec-2002
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
Flash Programmable System Devices with 8032 Microcontroller Core
Nov-2004
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
Flash Programmable System Devices with 8032 Microcontroller Core
Rev. 1.2
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
27-Nov-2002
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
Flash Programmable System Device with 8032 Microcontroller Core
Jun-2002
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
26-Nov-2002
logo
ATMEL Corporation
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
Microcontroller with 32KBytes In-System Programmable Flash
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com