Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAN2002 Datasheet (PDF) - ON Semiconductor

FAN2002 Datasheet PDF - ON Semiconductor
Part # FAN2002
Download  FAN2002 Download
File Size   451.67 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1A High-Efficiency Step-Down DC-DC Converter

FAN2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN2002 Datasheet PDF - ON Semiconductor

Part # FAN2002
Download  FAN2002 Click to download

File Size   451.67 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1A High-Efficiency Step-Down DC-DC Converter

FAN2002 Datasheet (HTML) - ON Semiconductor


FAN2002 Product details

Description
Designed for use in battery-powered applications, the FAN2001/FAN2002 is a high-efficiency, low-noise synchronous PWM current mode and Pulse Skip (Power Save) mode DC-DC converter. It can provide up to 1A of output current over a wide input range from 2.5V to 5.5V. The output voltage can be externally adjusted over a wide range of 0.8V to 5.5V by means of an external voltage divider.

Features
■ 96% Efficiency, Synchronous Operation
■ Adjustable Output Voltage Options from 0.8V to VIN
■ 2.5V to 5.5V Input Voltage Range
■ Up to 1A Output Current
■ Fixed Frequency 1.3MHz PWM Operation
■ High Efficiency Power Save Mode
■ 100% Duty Cycle Low Dropout Operation
■ Soft Start
■ Output Over-Voltage Protection
■ Dynamic Output Voltage Positioning
■ 25µA Quiescent Current
■ Thermal Shutdown and Short Circuit Protection
■ Pb-Free 3x3mm 6-Lead MLP Package

Applications
■ Pocket PCs, PDAs
■ Cell Phones
■ Battery-Powered Portable Devices
■ Digital Cameras
■ Hard Disk Drives
■ Set-Top-Boxes
■ Point-of-Load Power
■ Notebook Computers
■ Communications Equipment




Similar Part No. - FAN2002

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2002 FAIRCHILD-FAN2002 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
FAN2002MPX FAIRCHILD-FAN2002MPX Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
More results


Similar Description - FAN2002

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
1A, High Efficiency, DC-DC Step Down Converter
logo
ON Semiconductor
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com