Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTEM322TC Datasheet (PDF) - Zetex Semiconductors

ZXTEM322TC Datasheet PDF - Zetex Semiconductors
Part # ZXTEM322TC
Download  ZXTEM322TC Download
File Size   166.38 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR

ZXTEM322TC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTEM322TC Datasheet PDF - Zetex Semiconductors

Part # ZXTEM322TC
Download  ZXTEM322TC Click to download

File Size   166.38 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR

ZXTEM322TC Datasheet (HTML) - Zetex Semiconductors


ZXTEM322TC Product details

DESCRIPTION
Packaged in the new innovative 2mm x 2mm MLP (Micro Leaded Package) outline, these new 4th generation low saturation dual PNP transistors offer extremely low on state losses making them ideal for use in DC-DC circuits and various driving and power management functions.

Additionally users gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower Package Height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (185mV max @1A)
• hFE specified up to 5A
• IC=-3.5A Continuous Collector Current
• 2mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• DC - DC Modules
• Power switches
• Motor control




Similar Part No. - ZXTEM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322TC ZETEX-ZXTEM322TC Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTEM322TC DIODES-ZXTEM322TC Datasheet
411Kb / 6P
80V NPN LOW SATURATION TRANSISTOR
JUNE 2006
More results


Similar Description - ZXTEM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDAM832 ZETEX-ZXTDAM832 Datasheet
216Kb / 6P
MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322 Datasheet
179Kb / 6P
MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTAM322 ZETEX-ZXTAM322 Datasheet
180Kb / 6P
MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXT2M322 ZETEX-ZXT2M322_07 Datasheet
164Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXT2M322 DIODES-ZXT2M322 Datasheet
363Kb / 6P
MPPS??Miniature Package Power Solutions 20V PNP LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com