Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK155H Datasheet (PDF) - M.S. Kennedy Corporation

MSK155H Datasheet PDF - M.S. Kennedy Corporation
Part # MSK155H
Download  MSK155H Download
File Size   281.41 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH POWER DUAL OPERATIONAL AMPLIFIER

MSK155H Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK155H Datasheet PDF - M.S. Kennedy Corporation

Part # MSK155H
Download  MSK155H Click to download

File Size   281.41 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH POWER DUAL OPERATIONAL AMPLIFIER

MSK155H Datasheet (HTML) - M.S. Kennedy Corporation


MSK155H Product details

DESCRIPTION:
The MSK 155 is a high power dual monolithic operational amplifier ideally suited for high power amplification and magnetic deflection applications. With a total supply voltage rating of 80 volts and 5A of available output current per amplifier, the MSK 155 is also an excellent low cost choice for motor drive circuits. With both amplifiers in the same package, thermally induced output offset voltages are eliminated. Power dissipation is kept to a minimum with a total quiescent current rating of only 40mA. The MSK 155 is packaged in a hermetically sealed 14 pin power dip with heat sink bolt down tabs.

FEATURES:
• Available to DSCC SMD #5962-02509HX
• Space Efficient Dual Power Amplifier
• Low Cost
• High Voltage Operation: Up to 80V
• Low Quiescent Current: 40mA Typ. Total
• High Output Current: 5A Min. Per Amp
• High Speed: 10V/µS Typ.
• Monolithic Technology
• Replaces obsolete MSK 154 up to 80V

TYPICAL APPLICATIONS
• PA Audio
• Magnetic Deflection
• Motor Drive
• Noise Cancellation
• High Power Bridge Amplifier




Similar Part No. - MSK155H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK155H ANAREN-MSK155H Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - MSK155H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
Dual Power Operational Amplifier
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
Dual Power Operational Amplifier
logo
Burr-Brown (TI)
OPA2541 BURR-BROWN-OPA2541 Datasheet
140Kb / 8P
Dual High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA2541SK ETC-OMA2541SK Datasheet
58Kb / 4P
DUAL HIGH POWER OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
Dual Power Operational Amplifier
logo
Texas Instruments
OPA2541SMQ TI-OPA2541SMQ Datasheet
199Kb / 12P
Dual High Power OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Texas Instruments
OPA2541 TI1-OPA2541 Datasheet
207Kb / 13P
Dual High Power OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK155 ANAREN-MSK155 Datasheet
349Kb / 6P
HIGH POWER DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com