Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLM33 Datasheet (PDF) - Vishay Siliconix

VLM33 Datasheet PDF - Vishay Siliconix
Part # VLM33
Download  VLM33 Download
File Size   236.15 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power SMD LED PLCC-2

VLM33 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLM33 Datasheet PDF - Vishay Siliconix

Part # VLM33
Download  VLM33 Click to download

File Size   236.15 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power SMD LED PLCC-2

VLM33 Datasheet (HTML) - Vishay Siliconix


VLM33 Product details

• Utilizing (AS) AlInGaP technology
• Available in 8 mm tape
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin. ≤ 1.6
• Thermal resistance R = 400 K/W
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• Compatible with reflow, vapor phase, and wave solder
processes according to CECC 00802 and J-STD-020
• AEC-Q101 qualified




Similar Part No. - VLM33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLM33 VISHAY-VLM33 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLM33 VISHAY-VLM33 Datasheet
246Kb / 10P
Power SMD LED PLCC-2
19-Sep-2022
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLM33 VISHAY-VLM33_V02 Datasheet
246Kb / 10P
Power SMD LED PLCC-2
19-Sep-2022
More results


Similar Description - VLM33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMPG33N1P2 VISHAY-VLMPG33N1P2 Datasheet
195Kb / 9P
Power SMD LED PLCC-2
10-Sep-07
VLMS333T2V2-GS08 VISHAY-VLMS333T2V2-GS08 Datasheet
1Mb / 8P
Power SMD LED PLCC-2
30-Apr-13
VLMS333 VISHAY-VLMS333 Datasheet
231Kb / 9P
Power SMD LED PLCC-2
24-Sep-13
VLMS334 VISHAY-VLMS334 Datasheet
266Kb / 8P
Power SMD LED PLCC-2
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW33S2V1-5K8L-08 TO-GRACE-VLMW33S2V1-5K8L-08 Datasheet
671Kb / 8P
Power SMD LED PLCC-2
VLMK33Q2T1-GS08 TO-GRACE-VLMK33Q2T1-GS08 Datasheet
792Kb / 8P
Power SMD LED PLCC-2
logo
Vishay Siliconix
VLM33 VISHAY-VLM33_V01 Datasheet
249Kb / 11P
Power SMD LED PLCC-2
24-Sep-2021
VLMY333 VISHAY-VLMY333_V01 Datasheet
273Kb / 9P
Power SMD LED PLCC-2
24-Sep-2021
VLMW33 VISHAY-VLMW33_V02 Datasheet
233Kb / 8P
Power SMD LED PLCC-2
26-Sep-2022
VLMY335 VISHAY-VLMY335_V02 Datasheet
261Kb / 9P
Power SMD LED PLCC-2
14-Sep-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com