Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B32X245 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B32X245 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B32X245
Download  PI3B32X245 Download
File Size   227.68 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch

PI3B32X245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B32X245 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B32X245
Download  PI3B32X245 Click to download

File Size   227.68 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch

PI3B32X245 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B32X245 Product details

Product Description
The PI3B32X245 is a 3.3V,16-bit, 2-port bus switch. Two enable signals (BEn) turn the switches on. The bus switch creates no additional propagational delay or additional ground bounce noise.

Product Features
• Fast Switching Speed: 4.5ns max.
• Permits Hot Insertion
• Near-zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (1.0μA typical)
    – Ideally suited for notebook applications
• Industrial operating temperature: –40°C to +85°C
• TTL - compatible control of input levels
• Packages (Pb-free & Green available):
    – 40-pin, 150-mil wide plastic BQSOP (B)




Similar Part No. - PI3B32X245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X245B PERICOM-PI3B32X245B Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3B32X245BE PERICOM-PI3B32X245BE Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
More results


Similar Description - PI3B32X245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32X245 PERICOM-PI3C32X245 Datasheet
172Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com