Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VT3306L Datasheet (PDF) - Pericom Semiconductor Corporation

PI3VT3306L Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3VT3306L
Download  PI3VT3306L Download
File Size   359.06 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2-Bit, 2-Port, Low Voltage Translator Bus Switch

PI3VT3306L Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3VT3306L Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3VT3306L
Download  PI3VT3306L Click to download

File Size   359.06 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2-Bit, 2-Port, Low Voltage Translator Bus Switch

PI3VT3306L Datasheet (HTML) - Pericom Semiconductor Corporation


PI3VT3306L Product details

Description
Pericom Semiconductor’s PI3VT3306 is a 2.5V or 3.3V 2-bit, 2-port bus switch designed with a low On-Resistance (5Ω). The switches are turned ON or enabled by the Bus Enable (BEn) input signal.
Given a 3.3V supply and an input voltage of 3.3V, the switch translates to an output voltage of 2.5V. Similarly, when operated with a 2.5V supply and given 2.5V inputs, the device translates the outputs to 1.8V.

Features
• Near-Zero propagation delay
• Low On-Resistance switches connect inputs to outputs
• 2.5V to 3.3V Supply Voltage Operation
• 2.5V or 1.8V switching
• Packaging (Pb-free & Green available):
   – 8-pin, 173-mil wide plastic TSSOP (L)
   – 8-pin, 118-mil wide plastic MSOP (U)

Applications
• 3.3V to 2.5V level shifting (voltage translation)
• 2.5V to 1.8V level shifting (voltage translation)




Similar Part No. - PI3VT3306L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3384 PERICOM-PI3VT3384 Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3384L PERICOM-PI3VT3384L Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3384Q PERICOM-PI3VT3384Q Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
More results


Similar Description - PI3VT3306L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
PI3VT34X245 PERICOM-PI3VT34X245 Datasheet
262Kb / 4P
32-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3384 PERICOM-PI3VT3384 Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3305A POTATO-PO3VT3305A Datasheet
571Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A Datasheet
570Kb / 6P
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3245A POTATO-PO3VT3245A_14 Datasheet
992Kb / 5P
Translator Bus SwitchHot Insertion 8-Bit, 2-Port, Low Voltage
logo
Pericom Semiconductor C...
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
8-Bit, 2-Port, Low Voltage Translator Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com